Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCV1206-3R0-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # HCV1206-3R0-R
Description  High current power inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCV1206-3R0-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  HCV1206-3R0-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCV1206-3R0-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCV1206-3R0-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCV1206-3R0-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCV1206-3R0-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data 10354
Effective October 2017
HCV1206
High current power inductors
www.eaton.com/electronics
Inductance characteristics
30%
40%
50%
60%
70%
80%
90%
100%
05
110%
10
15
20
25
30
35
-55°C
+125°C
+25°C
30%
40%
50%
60%
70%
80%
90%
100%
24
6
110%
08 10 12 14 16 18 20 22 24
-55°C
+125°C
+25°C
30%
40%
50%
60%
70%
80%
90%
100%
4
2
110%
06
81012141618202224
-55°C
+125°C
+25°C
HCV1206-1R5-R
HCV1206-2R0-R
HCV1206-3R0-R
Idc(A)
Idc(A)Idc(A)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com