Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCM1305-150-R Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # HCM1305-150-R
Description  High current power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HCM1305-150-R Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  HCM1305-150-R Datasheet HTML 1Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 2Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 3Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 4Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 5Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 6Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 7Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 8Page - Eaton All Rights Reserved. HCM1305-150-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical Data 4371
Effective September 2017
HCM1305
High current power inductors
Inductance characteristics
7
www.eaton.com/electronics
40%
50%
60%
70%
80%
90%
100%
110%
0
5
10
15
20
25
30
dc (A)
HCM1305-6R8-R
40%
50%
60%
70%
80%
90%
100%
110%
0
2
4
6
8
10
12
14
16
18
20
22
24
26
HCM1305-7R8-R
40%
50%
60%
70%
80%
90%
100%
110%
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Idc (A)
HCM1305-8R2-R
40%
50%
60%
70%
80%
90%
100%
110%
0
2
4
6
8
10
12
14
16
18
20
22
24
26
Idc (A)
HCM1305-100-R
40%
50%
60%
70%
80%
90%
100%
110%
0
2
4
6
8
10
12
14
16
18
20
22
HCM1305-150-R
40%
50%
60%
70%
80%
90%
100%
110%
0
2
4
6
8
10
12
14
16
18
HCM1305-220-R
Idc (A)
Idc (A)
Idc (A)
I



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com