Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2A-R68-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MP2A-R68-R
Description  MICRO-PAC PLUS??Low profile toroid power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MP2A-R68-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MP2A-R68-R Datasheet HTML 1Page - Eaton All Rights Reserved. MP2A-R68-R Datasheet HTML 2Page - Eaton All Rights Reserved. MP2A-R68-R Datasheet HTML 3Page - Eaton All Rights Reserved. MP2A-R68-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4112
Effective July 2017
Supersedes March 2007
Product features
•
High performance, low profile, surface
mount power inductors
•
Small footprint and closed magnetic field
construction ensure low EMI
•
Low DCR and high efficiency
•
Frequency range up to 500 kHz
•
Molybdenum permalloy (MPP) core material
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
MP2A
MICRO-PAC PLUS™ Low profile toroid power inductors
•
Mobile phones
•
Tablets and e-readers
•
GPS systems
•
Battery power devices
•
Notebook and laptop power
•
Hand held devices
•
Media players
Environmental data
Pb
SMD Device


Similar Part No. - MP2A-R68-R

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP2 INFINEON-MP2 Datasheet
216Kb / 2P
Multimedia Platform?
2004
logo
GREATECS
MP2 GREATECS-MP2 Datasheet
121Kb / 1P
Miniature SPDT Micro Switches
logo
List of Unclassifed Man...
MP2-10B ETC2-MP2-10B Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10C ETC2-MP2-10C Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP2-10G ETC2-MP2-10G Datasheet
412Kb / 2P
Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP2A-R68-R

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0040NL PULSE-PA0040NL Datasheet
73Kb / 1P
SMT POWER INDUCTORS Shielded Toroid
logo
Productwell Precision E...
TC0805D-5R0M PRODUCTWELL-TC0805D-5R0M Datasheet
129Kb / 4P
TOROID INDUCTORS
logo
API Delevan
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
logo
Pulse A Technitrol Comp...
PE-92108K PULSE-PE-92108K Datasheet
92Kb / 2P
THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
logo
List of Unclassifed Man...
FP2-S047-R ETC2-FP2-S047-R Datasheet
1Mb / 4P
FLAT-PAC Low Profile Inductors (Surface Mount)
logo
Pulse A Technitrol Comp...
PE-92112KNL PULSE-PE-92112KNL Datasheet
100Kb / 2P
THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92412 PULSE-PE-92412 Datasheet
100Kb / 2P
THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
PE-92412NL PULSE-PE-92412NL Datasheet
100Kb / 2P
THT POWER INDUCTORS Toroid - Vertical, Low Profile and KlipMount
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
Toroid power inductors
CTX0.47-1P-R EATON-CTX0.47-1P-R Datasheet
682Kb / 9P
ECONO-PAC??OCTA-PAC짰 OCTA-PAC짰 PLUS Dual winding toroid power inductors/transformers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com