Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDA-1-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MDA-1-R
Description  Time-delay ceramic tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MDA-1-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MDA-1-R Datasheet HTML 1Page - Eaton All Rights Reserved. MDA-1-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2002
Effective June 2017
Supersedes July 2011
Product features
Agency information
• UL Listed Card: MDA 2/10 - 20A (Guide JDYX, File E19180)
• UL Recognized Card: MDA 25 - 30A (Guide JDYX2, File
E19180)
• CSA Certification Card: MDA 2/10 - 20 (Class No. 1422-01)
• CSA Component Acceptance: MDA 25-30A (Class No.
1422-30)
Environmental data
•
Shock: 1/100A and 8/10A – MIL-STD-202, Method 213, Test
Condition I; 1A thru 30A – MIL-STD-202, Method 213, Test
Condition J
•
Vibration: 1/100A and 8/10A – MIL-STD-202, Method 201;
1/4A thru 30A – MIL-STD-202, Method 204, Test Condition
C (Except 5g, 500Hz)
MDA
1/4” x 1 1/4” Time-delay ceramic tube fuses
•
Time-delay
•
Optional axial leads available
•
1/4” x 1-1/4” (6.35 x 31.75mm) physical size
•
Ceramic tube, nickel-plated brass endcap construction
•
UL Listed product meets standard 248-14
Ordering
•
Specify packaging, product and option code.
Specifications
AC Interrupting
Part
Voltage Rating
Rating* (A)
DC Interrupting
Rating (A) 125V
Typical DC Cold
Typical
Typical Voltage
Number
Vac
Vdc
250V
125V
Resistance** (Ω)
Melting I2t† AC
Drop‡
MDA-1/4-R
250
-
35
10000
-
8.7
0.748
4.00
MDA-1/2-R
250
-
35
10000
-
1.78
2.53
1.42
MDA-3/4-R
250
-
35
10000
-
0.82
8.58
1.31
MDA-1-R
250
-
35
10000
-
0.56
12.21
1.03
MDA-1-1/2-R
250
-
100
10000
-
0.2565
27.5
0.691
MDA-2-R
250
-
100
10000
-
0.17
70.4
0.623
MDA-2-1/2-R
250
-
200
10000
-
0.068
31.79
0.213
MDA-3-R
250
-
200
10000
-
0.0525
44.99
0.182
MDA-4-R
250
-
200
10000
-
0.03575
147.4
0.162
MDA-5-R
250
-
200
10000
-
0.0256
380.49
0.145
MDA-6-R
250
-
200
10000
-
0.02035
587.73
0.141
MDA-7-R
250
-
200
10000
-
0.0165
638.33
0.137
MDA-8-R
250
-
200
10000
-
0.013
1038.4
0.134
MDA-10-R
250
-
200
10000
-
0.00925
1620.43
0.135
MDA-12-R
250
-
750
10000
-
0.00755
125.18
0.128
MDA-15-R
250
-
750
10000
-
0.00565
336.82
0.107
MDA-20-R
250
125
1500
10000
10000
0.004065
483.45
0.095
MDA-25A-R
250
125
1500
10000
10000
0.0031
734.69
0.105
MDA-30A-R
250
125
1500
10000
10000
0.002465
1096.7
0.110
* Interrupting Ratings (Measured at 70% - 80% power factor on AC. The interrupting ratings for 25A, 30A were measured at 90% - 100% power factor on AC)
** DC Cold Resistance (Measured at _<10% of rated current)
† Typical Melting I2t (A2Sec) (I2t was measured at listed interrupting rating and rated voltage)
‡ Typical Voltage Drop (Voltage drop was measured at 25°C ambient temperature at rated current)
Electrical Characteristics
Rated Current
Amp Rating
Opening Time
100%
None
1/4 - 30A
135%
60 Minutes Max.
200%
120 Seconds Max.


Similar Part No. - MDA-1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
MDA-1-R COOPER-MDA-1-R Datasheet
280Kb / 2P
1/4? x 1 1/4? Ceramic Tube Fuses
More results

Similar Description - MDA-1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505-500-R COOPER-S505-500-R Datasheet
379Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
MDA-15-R COOPER-MDA-15-R Datasheet
109Kb / 2P
MDA Series, Time Delay, Ceramic Tube
LP-CC-6 COOPER-LP-CC-6 Datasheet
77Kb / 2P
Time-Delay Fuses
BK-MDL-3 COOPER-BK-MDL-3 Datasheet
267Kb / 2P
Time-Delay, Glass Tube Fuses
C519-125-R COOPER-C519-125-R Datasheet
293Kb / 2P
5 x 15mm Time-Delay Glass Tube Fuses
logo
List of Unclassifed Man...
KLU-601 ETC1-KLU-601 Datasheet
643Kb / 4P
time-delay fuses
KRP-C-2001SP ETC1-KRP-C-2001SP Datasheet
741Kb / 4P
time-delay fuses
logo
Eaton All Rights Reserv...
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com