Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD10-6R2-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # SD10-6R2-R
Description  Low profile metalized shielded drum core power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD10-6R2-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  SD10-6R2-R Datasheet HTML 1Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 2Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 3Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 4Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 5Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 6Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 7Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 8Page - Eaton All Rights Reserved. SD10-6R2-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data PM4311
Effective August 2017
Supersedes March 2007
Product features
•
Six sizes of shielded drum core inductors
with low profiles (as low as 1.0mm) and
high power density
•
Inductance range from .47 uH to 1000 uH
•
Current range from 0.88 A to 6.0 A
•
Ferrite shielded, low EMI
•
Ferrite core material
Applications
•
Storage temperature range (component):
-40 °C to +125 °C
•
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
•
Solder reflow temperature:
J-STD-020 (latest revision) compliant
SD
Low profile metalized shielded drum core power inductors
•
Digital cameras
•
Media players
•
Mobile phones
•
Hand held equipment
•
PCMCIA cards
•
GPS systems
Environmental data
Pb HALOGEN
HF
FREE


Similar Part No. - SD10-6R2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD10-6R2-R COOPER-SD10-6R2-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD10-6R2-R COOPER-SD10-6R2-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD10-6R2-R COOPER-SD10-6R2-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD10-6R2-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
Shielded Drum Core Inductors
logo
Cooper Bussmann, Inc.
LD1-8R2-R COOPER-LD1-8R2-R Datasheet
166Kb / 3P
Metalized Drum Core Power Inductor
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
Low-Profile Shielded Drum Inductors
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
Low profile shielded drum core power inductors
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
Low profile shielded drum core power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com