Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD53-680-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # SD53-680-R
Description  Low profile shielded power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD53-680-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  SD53-680-R Datasheet HTML 1Page - Eaton All Rights Reserved. SD53-680-R Datasheet HTML 2Page - Eaton All Rights Reserved. SD53-680-R Datasheet HTML 3Page - Eaton All Rights Reserved. SD53-680-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
4149
Effective November 2015
SD53
Low profile shielded power inductors
www.eaton.com/elx
Product Specifications
Part Number5
OCL1 (μH) ±20%
Part marking
I
rms
2
(A)
I
sat
3
(A)
DCR (Ω) typical
@ 20 °C
DCR (Ω) maximum @
20 °C
K-factor4
SD53-1R1-R
1.10
A
3.25
4.80
0.017
0.020
48
SD53-2R0-R
2.00
B
2.64
3.30
0.023
0.027
35
SD53-3R3-R
3.30
C
2.26
2.60
0.029
0.034
28
SD53-4R7-R
4.70
D
2.01
2.10
0.039
0.045
21
SD53-6R8-R
6.80
E
1.65
1.85
0.059
0.068
20
SD53-100-R
10.0
F
1.41
1.40
0.077
0.090
15
SD53-150-R
15.0
G
1.10
1.10
0.122
0.142
12
SD53-220-R
22.0
H
0.81
0.94
0.179
0.208
10
SD53-330-R
33.0
I
0.75
0.76
0.221
0.257
8
SD53-470-R
47.0
J
0.64
0.64
0.303
0.352
7
SD53-680-R
68.0
K
0.52
0.58
0.452
0.525
6
SD53-101-R
100
L
0.44
0.45
0.689
0.801
5
1. 1. Open Circuit Inductance (OCL) Test Parameters: 100 kHz, 0.1 Vrms, 0.0 Adc.
2. Irms: DC current for an approximate ∆T of 40 °C without core loss. Derating is necessary for AC currents. PCB layout,
trace thickness and width, air-flow, and proximity of other heat generating components will affect the temperature
rise. It is recommended that the temperature of the part not exceed 125 °C under worst case operating conditions
verified in the end application
3. lsat: Peak current for approximately 30% rolloff @ 25 °C.
4. K-factor: Used to determine B p-p for core loss (see graph). B p-p = K*L*∆I, B p-p(mT), K: (K factor from table),
L: (Inductance in uH), ∆I (Peak to peak ripple current in Amps).
5. Part Number Definition: SD53-xxx-R
SD53 = Product code and size; -xxx = Inductance value in uH; R = decimal point;
If no R is present then third character equals the number of zeros.
-R suffix = RoHS compliant.
Dimensions (mm)
Packaging information (mm)
Parts packaged on 13” diameter reel, 2,600 parts per reel.
Part Marking: Line 1: (1st digit= inductance value per Part Marking Designator); (2nd digit= Bi-weekly production date code); (3rd digit= Last
digit of the year produced), (4th digit= Internal manufacturing code). Line 2: 53=product size code)
Do not route traces or vias underneath the inductor



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com