Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD12-R47-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # SD12-R47-R
Description  Low profile metalized shielded drum core power inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

SD12-R47-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  SD12-R47-R Datasheet HTML 1Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 2Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 3Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 4Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 5Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 6Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 7Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 8Page - Eaton All Rights Reserved. SD12-R47-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data PM4311
Effective August 2017
Supersedes March 2007
Product features
Six sizes of shielded drum core inductors
with low profiles (as low as 1.0mm) and
high power density
Inductance range from .47 uH to 1000 uH
Current range from 0.88 A to 6.0 A
Ferrite shielded, low EMI
Ferrite core material
Applications
Storage temperature range (component):
-40 °C to +125 °C
Operating temperature range: -40 °C to +125 °C
(ambient plus self-temperature rise)
Solder reflow temperature:
J-STD-020 (latest revision) compliant
SD
Low profile metalized shielded drum core power inductors
Digital cameras
Media players
Mobile phones
Hand held equipment
PCMCIA cards
GPS systems
Environmental data
Pb HALOGEN
HF
FREE


Similar Part No. - SD12-R47-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SD12-R47-R COOPER-SD12-R47-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD12-R47-R COOPER-SD12-R47-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
SD12-R47-R COOPER-SD12-R47-R Datasheet
309Kb / 7P
SD Series High Power Density, Low Profile, Shielded Inductors
More results

Similar Description - SD12-R47-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
Shielded Drum Core Inductors
logo
Cooper Bussmann, Inc.
LD1-8R2-R COOPER-LD1-8R2-R Datasheet
166Kb / 3P
Metalized Drum Core Power Inductor
logo
List of Unclassifed Man...
SD7030-3R3-R ETC2-SD7030-3R3-R Datasheet
534Kb / 4P
Low-Profile Shielded Drum Inductors
logo
Pulse A Technitrol Comp...
PF0552NL PULSE-PF0552NL Datasheet
320Kb / 4P
SMT POWER INDUCTORS Shielded Drum Core
logo
Eaton All Rights Reserv...
DR124 EATON-DR124 Datasheet
655Kb / 5P
High power density, high efficiency, low profile shielded drum core power inductors
LDS0705 EATON-LDS0705 Datasheet
945Kb / 4P
Shielded metalized drum core power inductors
SD3112 EATON-SD3112 Datasheet
868Kb / 4P
Low profile metalized shielded drum core power inductors
SD6030 EATON-SD6030 Datasheet
595Kb / 4P
Low profile shielded drum core power inductors
SD7030 EATON-SD7030 Datasheet
614Kb / 4P
Low profile shielded drum core power inductors
SD8350 EATON-SD8350 Datasheet
594Kb / 4P
Low profile shielded drum core power inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com