Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6745 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6745
Description  High-Efficiency, 40V White LED Driver with Dimming Control
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6745 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6745 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6745 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FP6745-1.4-AUG-2013
FP6745
85T
fitipower integrated technology lnc.
High-Efficiency, 40V White LED Driver
with Dimming Control
Converter in Tiny Package
Pin Assignments
S8 Package (TSOT-23-5)
2
1
3
5
4
SW GND FB
EN
VIN
(Marking)
S9 Package (TSOT-23-6)
2
1
3
6
4
5
(Marking)
SW GND FB
EN
VIN NC
S6 Package (SOT-23-6)
2
1
3
6
4
5
(Marking)
SW GND FB
EN
VIN NC
Figure 1. Pin Assignment of FP6745
Ordering Information
TSOT-23-5 Marking
Part Number
Product Code
FP6745S8G
P4=
TSOT-23-6 Marking
Part Number
Product Code
FP6745S9G
P5=
SOT-23-6 Marking
Part Number
Product Code
FP6745S6C
A8G
Description
The
FP6745
is
a
step-up
DC/DC
converter
specifically designed for driving WLEDs with a
constant current.
The FP6745 can drive up 10
white LEDs in series from a Lithium Lon battery.
Series connection of LEDs provides identical LED
current for uniform brightness and minimizes the
number of traces to the LEDs.
The FP6745 uses
current mode, fixed frequency of approximately
1.3MHz architecture to regulate the LED current
through an external current sense resistor.
The low
feedback voltage of 195mV can minimize power
dissipation.
Other features include current limit protection,
thermal shutdown protection, under-voltage lockout
(UVLO), and over-voltage function, which can shut
off the device if output voltage reaches above 41V.
The FP6745 is available in space saving TSOT-23-5,
TSOT-23-6 and SOT-23-6 packages.
Features
Wide Range for PWM Dimming, Ranging from
100Hz to 50kHz
High Efficiency: 87%
Drives up to 10 WLEDs
Fast 1.3MHz Switching Frequency
Low 195mV Feedback Voltage
Over Voltage Protection
Low Profile TSOT-23-5 ,TSOT-23-6 and SOT-23-6
Packages
RoHS Compliant
Applications
Cellular Phone
Digital Camera
LCD Panel Backlight
GPS Receiver
PDA, Handheld Computer
TR: Tape / Reel
Blank: Tube
G: Green
C: Green
FP6745
□□□
Package Type
S8: TSOT-23-5
S9: TSOT-23-6
S6: SOT-23-6


Similar Part No. - FP6745

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6745C FITIPOWER-FP6745C Datasheet
268Kb / 7P
High-Efficiency, 40V White LED Driver with Dimming Control
FP6745CS6C FITIPOWER-FP6745CS6C Datasheet
268Kb / 7P
High-Efficiency, 40V White LED Driver with Dimming Control
More results

Similar Description - FP6745

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6051 NJRC-NJU6051 Datasheet
192Kb / 20P
White LED Driver with Automatic Dimming Control
NJU6052 NJRC-NJU6052 Datasheet
209Kb / 23P
White LED Driver with Automatic Dimming Control
logo
Monolithic Power System...
MP3302 MPS-MP3302 Datasheet
263Kb / 12P
40V, 1.3A, Single-cell Step-up White LED Driver with Single Wire Dimming Control
logo
List of Unclassifed Man...
ZLED7030 ETC2-ZLED7030 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7330 ETC2-ZLED7330 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7530 ETC2-ZLED7530 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
ZLED7730 ETC2-ZLED7730 Datasheet
2Mb / 24P
High Current 40V LED Driver with Switch Dimming
logo
Integrated Device Techn...
ZLED7030 IDT-ZLED7030 Datasheet
615Kb / 22P
High Current 40V LED Driver with Switch Dimming
logo
Fitipower Integrated Te...
FP6745C FITIPOWER-FP6745C Datasheet
268Kb / 7P
High-Efficiency, 40V White LED Driver with Dimming Control
logo
Renesas Technology Corp
ZLED7030 RENESAS-ZLED7030 Datasheet
759Kb / 23P
High Current 40V LED Driver with Switch Dimming
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com