Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6783 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6783
Description  Integrated Multi-Channel DC-DC Converters for TFT LCD Panels
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6783 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6783 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6783 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FP6783-Preliminary 0.3-NOV-2012
FP6783
fitipower integrated technology lnc.
Integrated Multi-Channel
DC-DC Converters for TFT LCD Panels
Pin Assignments
WQ Package (TQFN-20)(5mm x 5mm)
6
7
8
20
19
18
17
16
1
2
3
4
5
15
14
13
12
11
ADJ
VIN
SW
VIN
VREF
FBN
AGND
DRVP
DRVN
9
10
SW
21
Figure 1. Pin Assignment of FP6783
Ordering Information
Description
The FP6783 is an integrated power supply solution
optimized for medium to large size thin-film transistor
(TFT) liquid crystal displays (LCD’s).
The boost converter operates at a frequency of
1.2MHz. The integrated N-channel FET has a typical
current limit of 4.5A and can support output voltage
up to 18V.
A positive charge pump with an integrated driver can
produce up to 36V of positive gate drive.
The GPM is a flicker compensation circuit to reduce
the coupling effect of gate lines; the gate-shaping
timing is controlled by the timing-controller to
modulate the Gate-On voltage, VGHM. It also can
delay the Gate-On voltage during power-on to
achieve a correct power-on delay time and the falling
time of the Gate-On voltage are programmable by
external capacitor and resistor.
The FP6783 is available in a thin 20-pin 5x5 mm
TQFN green package.
Features
2.5V to 5.5V Input Supply
1.2MHz Switching Frequency
Current-Mode Boost Regulator
—
Integrated 18V/4.5A FET
—
Fast Transient Response to Pulsed Load
—
High Efficiency
GPM Controller with Adjustable Falling Time
—
Flicker Compensator
—
Power-on Sequence Control
Over-Temperature Protection
Over-Current Protection
Over-Voltage Protection
Under-Voltage Protection
Charge Pump for VGH Regulation
Charge Pump for VGL Regulation
TQFN-20 Exposed Pad Package
ROHS Compliant
Applications
TFT LCD for Notebook
TFT LCD for Monitor
TFT LCD for TV
C: Green
TR: Tape/Reel
Package Type
WQ: TQFN-20 (5mm x 5mm)
FP6783
□□□


Similar Part No. - FP6783

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
FP6787A FITIPOWER-FP6787A Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
FP6787ATPGTR FITIPOWER-FP6787ATPGTR Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
FP6787AWQGTR FITIPOWER-FP6787AWQGTR Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
More results

Similar Description - FP6783

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1748-MAX8726 MAXIM-MAX1748-MAX8726 Datasheet
640Kb / 16P
Triple-Output TFT-LCD DC-DC Converters
Rev 0; 10/04
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
TFT-LCD DC/DC with Integrated Amplifiers
September 26, 2005
logo
Linear Integrated Syste...
LT1948 LINEAR-LT1948 Datasheet
139Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Linear Technology
LT1948 LINER-LT1948 Datasheet
211Kb / 4P
DC/DC Converter for TFT-LCD Panels
LT1948 LINER-LT1948_15 Datasheet
217Kb / 4P
DC/DC Converter for TFT-LCD Panels
logo
Global Mixed-mode Techn...
G5521 GMT-G5521 Datasheet
272Kb / 2P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
G5529 GMT-G5529 Datasheet
105Kb / 1P
Integrated Multi-Channel DC-DC Converter for TFT-LCD Panels
logo
Fitipower Integrated Te...
FP9928A FITIPOWER-FP9928A Datasheet
656Kb / 18P
Integrated Multi-Channel DC-DC Converters for Panels
FP6787 FITIPOWER-FP6787 Datasheet
800Kb / 20P
Integrated Multi-Channel DC-DC Converter for TFT LCD Panel
logo
Lowpower Semiconductor ...
LP6288 POWER-LP6288 Datasheet
639Kb / 24P
Multi-Channel DC-DC Converter for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com