Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT6206GMA Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FT6206GMA
Description  Self-Capacitive Touch Panel Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT6206GMA Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT6206GMA Datasheet HTML 17Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 18Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 19Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 20Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 21Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 22Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 23Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 24Page - List of Unclassifed Manufacturers FT6206GMA Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Application Note for FT6x06 CTPM
THIS DOCUMENT CONTAINS INFORMATION PROPRIETARY TO FOCALTECH SYSTEMS, LTD., AND MAY NOT BE
REPRODUCED, DISCLOSED OR USED IN WHOLE OR PART WITHOUT WRITTEN PERMISSION OF FOCALTECH
SYSTEMS, LTD.
Page 6 of 12
While for interrupt trigger mode, INT signal will be set to low if there is a touch detected. But whenever an
update of valid touch data, CTPM will produce a valid pulse on INT port for INT signal, and host can read
the touch data periodically according to the frequency of this pulse. In this mode, the pulse frequency is the
touch data updating rate.
When CTPM stays in hibernate mode, the INT port will act as a pull-high input port and wait for an
external wake up signal. Host may send out a low pulse to wake up CTPM from the hibernate mode. The
wake-up low pulse width ranges from 0.5 ms to 1 ms, the reason for this is that the INT port will act as an
interrupt request signal output port after wake-up.
1.3
Reset signal from Host to CTPM
Host can send the reset signal via RSTN port to reset FT6x06. The reset signal should not be set to low
while in normal running mode, but when programming flash, the RSTN port must be connected to GND.
The RSTN port can also be used to active the CTPM in hibernate mode. Note that the reset pulse width
should be more than 1ms.
2. Standard Application circuit of FT6x06
Table 2-1 is a brief summary of the FT6x06 application features. Figure2-1, Figure2-2, demonstrates the
typical FT6x06 application schematic respectively. It consists of Capacitive Touch Panel (CTP), FT6x06
chip, and some peripheral components. According to the size of CTPM, you can choose the number of
channels needed.
Table 2-1 Brief features of FT6X06
IC Type
FT6206GMA
FT6306DMB
Operating Voltage(V)
2.8 ~ 3.6
2.8 ~ 3.6
IOVCC(V)
1.8 ~ 3.6
1.8 ~ 3.6
Channel
28
36
Panel Size
2.8” ~ 4.3”
4.3” ~ 7.0”
Touch points
2
2
Interface
I2C
I2C
Report rate
>60Hz
>60Hz
Package (mm)
5*5 QFN40
6*6 QFN48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com