Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2263MP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OB2263MP
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263MP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OB2263MP Datasheet HTML 1Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 2Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263MP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
©On-Bright Electronics
- 2 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
GENERAL INFORMATION
Pin Configuration
The OB2263 is offered in SOT23-6, DIP8 and SOP8
packages, shown as below.
Ordering Information
Part Number
Description
OB2263MP
SOT23-6, Pb-free
OB2263AP
DIP8, Pb-free
OB2263CP
SOP8, Pb-free
Package Dissipation Rating
Package
R
θJA
(
°C/W)
DIP8
90
SOP8
150
SOT23-6
200
Absolute Maximum Ratings
Parameter
Value
VDD DC Supply Voltage
30 V
VDD Zener Clamp
VoltageNote
VDD_Clamp+0.1V
VDD DC Clamp Current
10 mA
VFB Input Voltage
-0.3 to 7V
VSENSE Input Voltage to
Sense Pin
-0.3 to 7V
VRI Input Voltage to RI Pin
-0.3 to 7V
Min/Max Operating
Junction Temperature TJ
-20 to 150 oC
Min/Max Storage
Temperature Tstg
-55 to 160 oC
Note: VDD_Clamp has a nominal value of 34V.
Stresses beyond those listed under “absolute maximum ratings”
may cause permanent damage to the device. These are stress
ratings only, functional operation of the device at these or any
other conditions beyond those indicated under “recommended
operating conditions” is not implied. Exposure to absolute
maximum-rated conditions for extended periods may affect device
reliability.
Confidential to Micro Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com