Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A1119-04-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 1A1119-04-R
Description  PCB Fuse-clips for ATC/ATM Blade, 5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1A1119-04-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  1A1119-04-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1A1119-04-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1A1119-04-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1A1119-04-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
2131
Effective February 2018
1AXXXX
PCB Fuse-clips for ATC/ATM Blade, 5 mm, 1/4” & 13/32” diameter fuses
www.eaton.com/electronics
Catalog
Clip
Number1,3
Material2
Finish
1A3399-10-R
Spring Bronze Bright Tin
1A3399-01
BerylliumCu Silver
1A3399-04-R
BerylliumCu Bright Tin
High Profile
Catalog
Clip
Number1,3
Material2
Finish
1A5018-10-R
Spring Bronze Bright Tin
1A5018-07
Spring Bronze Silver
.115"
(2.9mm)
.062"
(1.6mm)
.254"
(6.5mm)
.237"
(6.0mm)
.125"
(3.2mm)
.225"
(5.72mm)
.125"
(3.2mm)
.060"
(1.5mm)
.188"
(4.8mm)
.030"
(0.762mm)
Catalog
Clip
Number1,3
Material2
Finish
1A5601
Cartridge Brass Bright Tin 7A
For 5mm Diameter Fuses
1A5601 Family
Dimensions - in (mm)
Catalog
Clip
Number1,3
Material2
Finish
1A5602
Cartridge Brass Bright Tin
1A5602 Family (<=7Anominalcurrent)
Dimensions - in (mm)
.216"
(5.48mm)
LEGS TO FIT
IN .052" (1.3mm) DIA.
HOLES ON CENTER
.219"
(5.57mm)
.047"
(1.19mm)
.093"
(2.36mm)
.500"
(12.70mm)
.250"
(6.35mm)
.140"
(3.56mm)
.180"
(4.57mm)
.230"
(5.84mm)
.440"
(11.2mm)
.140"
(3.7mm)
.047"
(1.2mm)
.180"
(4.6mm)
1A3399 and 1A5018 Family
With Straight Leads
Dimensions - in (mm)
For 13/32” Diameter Fuses
1A3400 Family
With End Stops & Straight Leads
Dimensions - in (mm)
0.218"
(5.54mm)
0.710"
(18.03mm)
0.080"
(2.03mm)
0.470"
(11.94mm)
0.142" Dia.
(3.61mm)
0.050"
(1.27mm)
0.437"
(11.1mm)
0.470"
(11.94mm)
0.380"
(9.65mm)
Specifications:
Catalog
Clip
Recommended
maximium nominal
rating
Number1,2 Material
Finish
1A3400-09-R Cu Clad Steel
Bright Tin 20A
1A3400-10 Cu Clad Steel
Silver
30A
1A3400-12-R Cartridge Brass Bright Tin 15A
1A3400-09 & 1A3400-10
1A3400-12
Notes:
1. All part numbers shown are RoHS compliant
2. Beryillium Cu recommended for nominal current
above 15 A
3. Add -BK prefix to part number for bulk
1. All part numbers shown are RoHS
compliant
2. Add -BK prefix to part number for bulk
packaging
Notes:
UL recognized file number: E14853
1A5601
1A5601-01
0.250"
0.251"
(6.35mm)
(6.40mm)
0.219"
0.248"
0.219"
0.246"
(6.25mm)
(6.30mm)
(5.56mm)
(5.56mm)
0.344"
0.346"
(8.73mm
(8.80mm
0.141"
0.060"
0.266"
0.150"
0.059"
0.267"
(3.58mm
(1.52mm)
(6.76mm)
(3.80mm
(1.5mm)
(6.80mm)
0.022"
0.035"
0.020"
(0.56mm
(0.89mm
(0.50mm
1A5601-01
Spring
Brass Bright Tin 10A
Nominal
current maximum



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com