Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0603FA250-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 0603FA250-R
Description  Fast-acting Chip??surface mount fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

0603FA250-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  0603FA250-R Datasheet HTML 1Page - Eaton All Rights Reserved. 0603FA250-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4336
Effective January 2019
Supersedes May 2017
Product features
0603FA
Fast-acting Chip™ surface mount fuse
•
AEC-Q200 qualified
•
Fast-acting surface-mount fuse
•
Satisfies the EIA/IS-722 standard
•
Solder immersion compatible
Agency information
Soldering method
• UL Recognition Guide & File numbers: JDYX2
&E19180
• CSA Component Acceptance: 053787 C 000 &
Class Number: 1422 30
•
Wave immersion: +260 °C, 10 seconds maximum
•
Infrared reflow: +260 °C, 30 seconds maximum
Environmental data
•
Operating temperature: -55 ºC to +125 ºC with
proper derating
•
Load humidity test: MIL-STD-202, Method 103B
•
Moisture resistance test: MIL-STD-202, Method
106E
•
Thermal shock test: MIL-STD-202, Method 107D
•
High frequency vibration test: MIL-STD-202,
Method 204D
Ordering
•
Specify packaging and product code
(i.e., TR/0603FA250-R)
Surface Mount Device
100%
4 hours minimum
200%
60 seconds maximum
S pecifications
C urrent
Interrupting
Rating (A) at
Rated Voltage*
DC C old
R es is tance** ( Ω)
Typical
Typical
Typical
Alpha
Part Number
R ating
Voltage
Melting
Voltage
C ode
(A)
R ating
I2t***
Drop†
Marking‡
0603FA250-R
250 mA
50 Vdc
50
3.100
0.0004
0.921
D
0603FA375-R
375 mA
50 Vdc
50
1.250
0.0009
0.605
E
0603FA500-R
500 mA
32 Vac/50 Vdc
50 ac/35 dc
1.025
0.00193
0.600
F
0603FA750-R
750 mA
32 Vac/dc
50
0.450
0.0090
0.440
G
0603FA1-R
1
32 Vac/dc
50
0.150
0.0025
0.211
H
0603FA1.25-R
1.25
32 Vac/dc
35
0.108
0.0130
0.151
J
0603FA1.5-R
1.5
32 Vac/dc
35
0.086
0.0319
0.138
K
0603FA2-R
2
32 Vac/dc
35
0.051
0.0491
0.116
N
0603FA2.5-R
2.5
32 Vac/dc
35
0.037
0.0625
0.113
O
0603FA3-R
3
32 Vac/dc
35
0.028
0.0699
0.110
P
0603FA3.5-R
3.5
32 Vac/dc
35
0.022
0.1200
0.103
R
0603FA4-R
4
32 Vac/dc
35
0.017
0.2430
0.097
S
0603FA5-R
5
32 Vac/dc
35
0.011
0.6950
0.090
T
* DC Interrupting rating (Measured at designated voltage, time constant of less than 50 microseconds, battery source)
** DC Cold resistance (Measured at ≤10% of rated current)
***Typical melting I 2t (Measured with a battery bank at rated DC voltage, 10x-rated current, not to exceed IR, time constant of calibrated circuit less than 50
microseconds) (0603FA4A and 5A measured at interrupting rating)
† Typical voltage drop (Measured at rated current after temperature stabilizes)
‡ Alpha code to be marked on the top of fuse body for all ratings
Pb
HALOGEN
HF
FREE


Similar Part No. - 0603FA250-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
Chip??Fuses
0603FA250-R COOPER-0603FA250-R Datasheet
560Kb / 2P
Chip??Fuses 0603FA Series, Fast-Acting
More results

Similar Description - 0603FA250-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
C1Q BEL-C1Q_12 Datasheet
878Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q_12 Datasheet
936Kb / 4P
Surface Mount Very Fast-Acting Chip Fuse
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
C1Q BEL-C1Q_17 Datasheet
1Mb / 4P
SURFACE MOUNT VERY FAST-ACTING CHIP FUSE
logo
Eaton All Rights Reserv...
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
0ABA BEL-0ABA Datasheet
909Kb / 4P
Surface Mount Fast Acting Chip Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com