Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1A1120-02-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 1A1120-02-R
Description  PCB Fuse-clips for ATC/ATM Blade, 5 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1A1120-02-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  1A1120-02-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1A1120-02-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1A1120-02-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1A1120-02-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2131
Effective February 2018
Supersedes November 2017
1AXXXX
PCB Fuse-clips for ATC/ATM Blade, 5 mm, 1/4” & 13/32”
diameter fuses
Without Endstops
For 1/4” Diameter Fuses
End Stops
1A1119 Family
Angled-In leads
Dimensions - in (mm)
1A1120 Family
Angled-In Leads
Dimensions - in (mm)
.187"
.132"
(4.8mm)
(3.4mm)
Catalog
Clip
Ø
0.130”±.003
Catalog
Clip
[3.3mm±0.08]
Number1,3
Material2
Finish
Number1,3
Material2
Finish
0.187”
1A1119-04-R High Performance Cu Bright Tin
[4.75] 0.312”
1A1120-02-R Cartridge Brass
Bright Dipped
[7.92]
.320"
.312"
1A1119-05
High Performance Cu Silver
1A1120-05
High Performance Cu Silver
(8.13mm)
(7.9mm)
1A1119-10-R Cartridge Brass
Bright Tin
0.272”
[6.91]
1A1120-06-R High Performance Cu Bright Tin
1A1120-09-R Cartridge Brass
Bright Tin
.420"
0.400”±.010
(10.7mm)
0.250”
CL
[10.16±0.25]
[6.35]
.250"
0.155”±.010
.290"
(6.35mm)
[3.94±0.25]
.155"
(7.4mm)
0.080”
(3.9mm)
[2.03]
.080"
.360"
0.320”
(2.03mm)
(9.14mm)
[8.13]
0.290”±.010
[7.37±0.25]
0.363”±.003
[9.22±0.08]
1A1907 Family
Straight Leads
Dimensions - in (mm)
1A3398 Family
Straight Leads
Dimensions - in (mm)
.155"
.155"
(3.94mm)
Catalog
Clip
(3.94mm)
Catalog
Clip
Number1,3
Material2
Finish
Number1,3
Material2
Finish
.102" Dia.
.280"
1A1907-02-R Cartridge Brass
.102" Dia.
.280"
1A3398-07-R
Cartridge Brass Bright Tin
(2.6mm)
(7.1mm)
.245"
(2.6mm)
(7.1mm)
.255"
(6.2mm)
1A1907-03-R High Performance Cu Bright Tin
.255"
(6.5mm)
(6.5mm)
.410"
1A1907-05
High Performance Cu Silver
.410"
(10.4mm)
(10.4mm)
1A1907-06-R Cartridge Brass
Bright Tin
.060"
.140"
.060"
(1.5mm)
.280"
.140"
(3.6mm)
(1.5mm)
.280"
(3.6mm)
.320"
(7.1mm)
.320"
(7.1mm)
(8.13mm)
(8.13mm)
1A4534 Family
Angled Out Leads
Dimensions - in (mm)
1A4533 Family
Angled Out Leads
Dimensions - in (mm)
.155"
.102"
.155"
.102"
(3.94mm)
(2.6mm)
Catalog
Clip
(3.94mm)
(2.6mm)
Catalog
Clip
Number1,3
Material2
Finish
Number1,3
Material2
Finish
1A4534-01-R High Performance Cu Bright Tin
1A4533-01-R High Performance Cu Bright Tin
1A4533-06-R Cartridge Brass
Bright Tin
.320"
.280"
1A4534-06-R Cartridge Brass
Bright Tin
.320"
.280"
(8.13mm)
(7.11mm)
(8.13mm)
(7.11mm)
.245"
.245"
(6.2mm)
.255"
(6.2mm)
(6.5mm)
.410"
.410"
(10.4mm)
(10.4mm)
.060"
.255"
(1.5mm)
.150"
.226"
(6.5mm)
(3.81mm)
(5.74mm)
.150"
.226"
(3.81mm)
(5.79mm)
.321"
.060"
(1.5mm)
.321"
(8.15mm)
(8.20mm)
1. All part numbers shown are RoHS
compliant
2. High performance Cu recommended
for nominal current above 15 A
3. Add -BK prefix to part number for bulk
packaging
UL recognized file number: E14853
Notes:
Bright Dipped


Similar Part No. - 1A1120-02-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1A1120-02 ETC1-1A1120-02 Datasheet
102Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 1/4 and 13/32 Diameter Fuses
logo
Cooper Bussmann, Inc.
1A1120-02 COOPER-1A1120-02 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
1A1120-02 COOPER-1A1120-02 Datasheet
541Kb / 4P
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
More results

Similar Description - 1A1120-02-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
01530008Z LITTELFUSE-01530008Z Datasheet
194Kb / 1P
Blade Fuse Holders - PCB Mount Fuse Holder for MINI짰 Style Blade Fuse
logo
Cooper Bussmann, Inc.
1A1119-04 COOPER-1A1119-04 Datasheet
430Kb / 4P
PCB Fuse Clips for ATC/ATM Blade 5mm 1/4 & 13/32 Diameter Fuses
logo
List of Unclassifed Man...
3550-2 ETC2-3550-2 Datasheet
113Kb / 1P
STANDARD AUTOMOTIVE BLADE FUSE CLIPS , HOLDERS
logo
Cooper Bussmann, Inc.
1A3400-09-R COOPER-1A3400-09-R Datasheet
87Kb / 4P
Fuse Clips for Printed Circuit Boards For ATC, 5mm, 횣쩍짖쨌 & 횣횥쩍짙짧쨌 Diameter Fuses
BK-ATC-3 COOPER-BK-ATC-3 Datasheet
251Kb / 2P
ATC Blade Fuses
BK-ATC-30 COOPER-BK-ATC-30 Datasheet
251Kb / 2P
ATC Blade Fuses
15600-06-20 COOPER-15600-06-20 Datasheet
86Kb / 2P
Fuse Panels - ATC, ATM, FMX
1A1119-04 COOPER-1A1119-04_13 Datasheet
541Kb / 4P
PCB Fuse Clips for ATC/ATM Blade, 5mm, 1/4??& 13/32??Diameter Fuses
15600 COOPER-15600 Datasheet
79Kb / 1P
ATC Blade-Type Fuse Panels
logo
Eaton All Rights Reserv...
HHF-JFCU EATON-HHF-JFCU Datasheet
159Kb / 1P
Automotive in-line fuse holder for ATC blade-type fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com