Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025FA1-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 1025FA1-R
Description  Fast-acting surface mount fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1025FA1-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  1025FA1-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1025FA1-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 4322
Effective May 2017
Supersedes March 2008
Product features
1025FA
Fast-acting surface mount fuse
•
Fast-acting surface-mount fuse
•
Satisfies the EIA/IS-722 Standard
•
Solder immersion compatible
Agency information
Soldering method
• UL Recognition Guide & File numbers: JDYX2 &
E19180 (250mA - 15A)
• CSA Component Acceptance:
File # 053787 C000, Class # 1422 3
•
Wave immersion: 260°C, 10 Sec. max.
•
Infrared reflow: 260°C, 30 Sec. max.
Environmental data
•
Life test: MIL-STD-202, Method 108A, Test
Condition D
•
Load humidity: MIL-STD-202, Method 103B
•
Moisture resistance: MIL-STD-202, Method 106E
•
Terminal strength: MIL-STD-202, Method 211A
•
Thermal shock: MIL-STD-202, Method 107D, air-
to-air
•
Case resistance: EIA/IS-722
•
Resistance to dissolution of metallization: ANSI
J-STD-002, Test D
•
Mechanical shock: MIL-STD-202, Method 213B
with exceptions per EIA/IS-722 Standard
•
High frequency vibration: MIL-STD-202, Method
204D, Test condition D
•
Resistance to solvents: MIL-STD-202, Method
215A
Ordering
•
Specify packaging and product code
(i.e., TR2/1025FA250-R)
Electrical Characteristics
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200% (250mA-5A)
5 Seconds Maximum
250% (250mA-5A fuse)
1 Second Maximum
200% (7-15A fuse)
20 Seconds Maximum
250% (7-15A fuse)
4 Seconds Maximum
Note: 30vde constant current source required for 200%
overload tests on 250mA-1A.
Current
Voltage
Interrupting
Rating (amps)*
250Vac 125Vdc
60Vdc
DC Cold
Resistance** (Ω)
Typical
Typical
Product Code
Rating
Rating
Melting
Voltage
(amps)
AC
DC
Typical
I2t†
Drop‡
1025FA250-R
250mA
250V
125V
50
50
-
4.7500
0.1212
2019mV
1025FA500-R
500mA
250V
125V
50
50
-
1.1500
0.0415
1500mV
1025FA750-R
750mA
250V
125V
50
50
-
0.5550
0.143
880mV
1025FA1-R
1
250V
125V
50
50
-
0.2800
1.750
560mV
1025FA1.5-R
1.5
250V
125V
50
50
-
0.1140
1.460
260mV
1025FA2-R
2
250V
125V
50
50
-
0.0750
6.086
258mV
1025FA2.5-R
2.5
250V
125V
50
50
-
0.0510
8.48
232mV
1025FA3-R
3
250V
125V
50
50
-
0.0384
18.15
205mV
1025FA3.5-R
3.5
250V
125V
50
50
-
0.0305
17.83
185mV
1025FA4-R
4
250V
125V
50
50
-
0.0275
23.32
190mV
1025FA5-R
5
250V
125V
50
50
-
0.0195
38.74
180mV
1025FA7-R
7
250V
60V
50
-
50
0.0116
138
150mV
1025FA10-R
10
250V
60V
50
-
50
0.0072
457
146mV
1025FA12-R
12
250V
60V
50
-
50
0.0056
498
120mV
1025FA15-R
15
250V
60V
50
-
50
0.0039
1451
110mV
* AC interrupting rating (measured at designated voltage, 100% power factor random closing); DC interrupting rating (measured at designated voltage, time constant of
less than 50 microseconds, battery source)
** DC cold resistance (measured at
≤10% of rated current)
† Typical Melting I 2t (measured with a battery bank at rated DC voltage, 10x-rated current, but not exceeding the interrupting rating. Time constant of calibrated circuit less
than 50 microseconds). Test current not to exceed interrupting rating of 50A.
‡ Typical voltage drop (measured at rated current after temperature stabilizes)
• Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at
elevated ambient temperatures.


Similar Part No. - 1025FA1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
1025FA1-R COOPER-1025FA1-R Datasheet
315Kb / 2P
Brick??Fuses 1025FA Series, Fast-Acting
More results

Similar Description - 1025FA1-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
C1Q BEL-C1Q Datasheet
92Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
C2Q BEL-C2Q Datasheet
91Kb / 2P
Surface Mount Very Fast-Acting Chip Fuse
CIQ BEL-CIQ Datasheet
219Kb / 2P
Surface Mount Fast-Acting Chip Fuse
logo
Littelfuse
045903.5ER LITTELFUSE-045903.5ER Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
045903.5UR LITTELFUSE-045903.5UR Datasheet
330Kb / 3P
PICO Very Fast-Acting Surface Mount Fuse
logo
Bel Fuse Inc.
C2F BEL-C2F Datasheet
1Mb / 4P
Surface Mount Fast Acting Chip Fuse
logo
Eaton All Rights Reserv...
0603FA EATON-0603FA Datasheet
684Kb / 2P
Fast-acting Chip??surface mount fuse
3216FF EATON-3216FF Datasheet
351Kb / 2P
Fast-acting Chip??surface mount fuse
logo
Bel Fuse Inc.
0685P2000-01 BEL-0685P2000-01 Datasheet
649Kb / 4P
Surface Mount Fast Acting Chip Fuse
0ABA BEL-0ABA Datasheet
909Kb / 4P
Surface Mount Fast Acting Chip Fuse
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com