Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025HC25-R Datasheet(PDF) 7 Page - Eaton All Rights Reserved.

Part # 1025HC25-R
Description  Fast-acting, high current, surface mount ceramic tube fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1025HC25-R Datasheet(HTML) 7 Page - Eaton All Rights Reserved.

  1025HC25-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 4Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 5Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 6Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 7Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 8Page - Eaton All Rights Reserved. 1025HC25-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Technical Data
10572
Effective June 2017
1025HC
Fast-acting, high current, surface mount ceramic tube fuses
www.eaton.com/electronics
Environmental data
Operating temperature: - 55 °C to 125 °C (with derating)
Thermal cycling: (100 cycles - 55 °C to 125 °C)
Vibration: (20 g’s, 10 Hz - 2000 Hz)
Board flex: 60 s, 2 mm
Mechanical shock: 3000 g, 0.3 ms
Termination strength: 1.8 kg, 60 s
Solderability test: J-STD- 002, Method B1, G1 and D
Ordering codes
The ordering code is the part number adding the packaging suffix.
Part number
Ordering codes
-TR option
1025HC20-R
1025HC20-RTR
1025HC25-R
1025HC25-RTR
1025HC30-R
1025HC30-RTR
1025HC40-R
1025HC40-RTR
1025HC50-R
1025HC50-RTR
Packaging suffixes
•
-TR (20 A to 30 A: 1500 parts per 13” diameter reel, tape width 24 mm)
(40 A to 50 A: 1000 parts per 13” diameter reel, tape width 24 mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com