Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6125TD2-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 6125TD2-R
Description  Time-delay surface mount fuse
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

6125TD2-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  6125TD2-R Datasheet HTML 1Page - Eaton All Rights Reserved. 6125TD2-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2530
Effective May 2017
Supersedes March 2007
Product features
6125TD
Time-delay surface mount fuse
•
Time-delay surface mount fuse
•
Satisfies the EIA/IS-722 Standard
•
Solder immersion compatible
Agency information
Soldering method
• UL Recognition Guide & File numbers: JDYX2 &
E19180.
• CSA Component Acceptance: 053787 C 000 &
Class No: 1422 30
Environmental data
•
Life test: MIL-STD-202, Method 108A, Test
Condition D
•
Load humidity: MIL-STD-202, Method 103B
•
Moisture resistance: MIL-STD-202, Method 106E
•
Terminal strength: MIL-STD-202, Method 211A
•
Thermal shock: MIL-STD-202, Method 107D, air-
to-air
•
Case resistance: EIA/IS-722
•
Resistance to dissolution of metallization: ANSI
J-STD-002, Test D
•
Mechanical shock: MIL-STD-202, Method 213B
with exceptions per EIA/IS-722 Standard
•
High frequency vibration: MIL-STD-202, Method
204D, Test Condition D
•
Resistance to solvents: MIL-STD-202, Method
215A
•
Wave immersion: 260°C, 10 Sec. max.
•
Infrared reflow: 260°C, 30 Sec. max.
Ordering
• Specify packaging and product code (i.e.,
TR1/6125TD500-R
ELECTRICAL CHARACTERISTICS
% of Amp Rating
Opening Time
100%
4 Hours Minimum
200%
1 Second Minimum
200%
2-4 Seconds Typical
200%
60 Seconds Maximum
SPECIFICATIONS
Product
Current
Voltage
Interrupting
Resistance
Typical
Typical
Code
Rating
Rating
Rating*
(ohms)**
Melting
Voltage
AC
DC
125VAC
60VDC
Typ.
I2t†
Drop‡
6125TD500-R
500mA
125V
60V
50A
50A
0.4025
0.716
245 mV
6125TD750-R
750mA
125V
60V
50A
50A
0.2350
1.07
250 mV
6125TD1-R
1A
125V
60V
50A
50A
0.1680
2.88
256 mV
6125TD1.5-R
1.5A
125V
60V
50A
50A
0.0630
2.35
125 mV
6125TD2-R
2A
125V
60V
50A
50A
0.0480
9.45
133 mV
6125TD2.5-R
2.5A
125V
60V
50A
50A
0.0350
16.2
130 mV
6125TD3-R
3A
125V
60V
50A
50A
0.0263
15.3
97 mV
6125TD3.5-R
3.5A
125V
60V
50A
50A
0.0195
14.5
95 mV
6125TD4-R
4A
125V
60V
50A
50A
0.0185
38.8
106 mV
6125TD5-R
5A
125V
60V
50A
50A
0.0133
34.4
100 mV
6125TD7-R
7A
125V
60V
50A
50A
0.0087
90.2
99 mV
* AC Interrupting Rating (Measured at designated voltage, 100% power factor); DC Interrupting Rating (Measured at designated voltage, time constant of less than
50 microseconds, battery source)
** DC Cold Resistance (Measured at 10% of rated current)
† Typical Melting I 2t (Measured with a battery bank at rated DC voltage, 10x-rated current (not to exceed IR), time constant of calibrated circuit less than 50 microseconds)
‡ Typical Voltage Drop (Measured at rated current after temperature stabilizes)
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required at
elevated ambient temperatures.


Similar Part No. - 6125TD2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6125TD2.5A ETC1-6125TD2.5A Datasheet
97Kb / 2P
Brick Fuses Time Delay
6125TD2A ETC1-6125TD2A Datasheet
97Kb / 2P
Brick Fuses Time Delay
More results

Similar Description - 6125TD2-R

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
UMTS100 BEL-UMTS100 Datasheet
719Kb / 2P
Square Ceramic Surface Mount Time Lag Fuse
UMTS BEL-UMTS_12 Datasheet
1,008Kb / 4P
Square Ceramic Surface Mount Time Lag Fuse
logo
Cooper Bussmann, Inc.
FMX-50 COOPER-FMX-50 Datasheet
88Kb / 2P
Female MAXI??Fuse Time Delay, 20-60 Amp
FMX-60 COOPER-FMX-60 Datasheet
85Kb / 1P
Female MAXI Fuse Time Delay, 20-60 Amp
MDQ-1 COOPER-MDQ-1 Datasheet
265Kb / 2P
MDQ Series Dual-Element, Time-Delay, Glass Fuse
logo
Bel Fuse Inc.
0ADKC BEL-0ADKC Datasheet
1Mb / 4P
TIME DELAY CERAMIC TUBE FUSE SERIES
logo
Eaton All Rights Reserv...
GMF EATON-GMF Datasheet
181Kb / 2P
Non-rejecting, time-delay fuse and in-line fuse holders
1025TD EATON-1025TD Datasheet
471Kb / 2P
Time-delay surface mount fuse
3216TD EATON-3216TD Datasheet
566Kb / 2P
Time-delay Chip??surface mount fuse
2410TD EATON-2410TD Datasheet
1Mb / 6P
High current time-delay SMT Brick fuse
May 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com