Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6863 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6863
Description  Slew Rate Limited Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6863 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6863 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6863 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
FP6863-1.2-FEB-2012
FP6863
85T
fitipower integrated technology lnc.
Block Diagram
BIAS
UVLO
Oscillator
Charge
Pump
Thermal
Protection
Gate
Control
Current
Limiting
Output Voltage
Detection
EN
VIN
VOUT
GND
Shutdown Signal
Figure 3. Block Diagram of FP6863
Absolute Maximum Ratings
● VIN to GND -------------------------------------------------------------------------------------------------------- -0.3V to +6V
● EN to GND --------------------------------------------------------------------------------------------------------- -0.3V to +6V
● VOUT to GND ----------------------------------------------------------------------------------------------------- -0.3V to +6V
● Power Dissipation @T
A=25℃, (PD)
TDFN-8 ------------------------------------------------------------------------------------------------- +1.25W
SOT-23-5 ----------------------------------------------------------------------------------------------- +0.4W
● Package Thermal Resistance, (θ
JA)
TDFN-8 ------------------------------------------------------------------------------------------------- +80°C/W
SOT-23-5 ----------------------------------------------------------------------------------------------- +250
℃/W
● Junction Temperature (T
J) ------------------------------------------------------------------------------------- +150℃
● Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------- +260
℃
● Storage Temperature Range ---------------------------------------------------------------------------------- -65
℃ to +150℃
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (V
IN) --------------------------------------------------------------------------------------------- +2V to +5.5V
● Operation Temperature Range -------------------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com