Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP9928AWQC Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FP9928AWQC
Description  Integrated Multi-Channel DC-DC Converters for Panels
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP9928AWQC Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FP9928AWQC Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 14Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 15Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 16Page - Fitipower Integrated Technology Inc. FP9928AWQC Datasheet HTML 17Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
FP9928A-0.1-OCT-2013
FP9928A
fitipower integrated technology lnc.
I
2C Interafce Specification
Serial Interface
The serial interface is compatible with the standard and fast mode I
2C specifications, allowing transfers at up to
400 kHz.
The interface adds flexibility to the power supply solution, enabling most functions to be
programmed to new values depending on the instantaneous application requirements and the PMIC status to
be monitored.
The E Ink® PMIC has a 7bit address: ‘1001000’, other addresses are available upon contact
with the factory.
Attempting to read data from register addresses not listed in this section will result in 00h
being read out.
For normal data transfer, SDA is allowed to change only when SCL is low.
Changes when
SCL is high are reserved for indicating the start and stop conditions.
During data transfer, the data line must
remain stable whenever the clock line is high.
There is one clock pulse per bit of data.
Each data transfer is
initiated with a start condition and terminated with a stop condition.
When addressed, the
–PMIC generates
an acknowledge bit after the reception of each byte.
The master device (microprocessor) must generate an
extra clock pulse that is associated with the acknowledge bit.
The
–PMIC will pull down the SDA line during
the acknowledge clock pulse so that the SDA line is a stable low during the high period of the acknowledge
clock pulse.
The SDA line is a stable low during the high period of the acknowledge
–related clock pulse.
Setup and hold times must be taken into account.
During read operations, a master must signal the end of
data to the slave by not generating an acknowledge bit on the last byte that was clocked out of the slave. In this
case, the slave
–PMIC device must leave the data line high to enable the master to generate the stop
condition.
DATA
CLK
Data line
stable;
data valid
Change
of data
allowed
Figure 9. bit transfer on the serial interface
DATA
CLK
S
START condition
P
STOP condition
Figure 10. START and STOP conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com