Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR9801 Datasheet(PDF) 13 Page - Fitipower Integrated Technology Inc.

Part # FR9801
Description  21V, 2A, 600KHz Synchronous Step-Down DC/DC Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FR9801 Datasheet(HTML) 13 Page - Fitipower Integrated Technology Inc.

Back Button FR9801 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 13Page - Fitipower Integrated Technology Inc. FR9801 Datasheet HTML 14Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
FR9801-0.5-JUL-2013
FR9801
85T
fitipower integrated technology lnc.
Application Information (Continued)
Feedforward Capacitor Selection
Internal compensation function allows users saving
time in design and saving cost by reducing the
number of external components.
The use of a
feedforward capacitor C4 in the feedback network is
recommended to improve the transient response or
higher phase margin.
FR9801
VOUT
FB
R1
R2
C4
For optimizing the feedforward capacitor, knowing
the cross frequency is the first thing.
The cross
frequency (or the converter bandwidth) can be
determined by using a network analyzer.
When
getting the cross frequency with no feedforward
capacitor
identified,
the
value
of
feedforward
capacitor C4 can be calculated with the following
equation:
C4=
1
2
FCR SS
1
R1
1
R1
+
1
R2
Where FCROSS is the cross frequency.
To reduce transient ripple, the feedforward capacitor
value can be increased to push the cross frequency
to higher region.
Although this can improve
transient response, it also decreases phase margin
and causes more ringing.
In the other hand, if more
phase margin is desired, the feedforward capacitor
value can be decreased to push the cross frequency
to lower region.
In general, the feedforward
capacitor range is between 10pF to 1nF.
External Boost Diode Selection
For 5V input applications, it is recommended to add
an external boost diode.
This helps improving the
efficiency.
The boost diode can be a low cost one
such as 1N4148.
5
FR9801
VIN
BST
VIN
LX
D1
1N 4148
V
C3
PCB Layout Recommendation
The device’s performance and stability are
dramatically
affected
by
PCB
layout.
It
is
recommended to follow these general guidelines
shown as below:
1.
Place
the
input
capacitors
and
output
capacitors as close to the device as possible.
The traces which connect to these capacitors
should be as short and wide as possible to
minimize parasitic inductance and resistance.
2.
Place feedback resistors close to the FB pin.
3.
Keep the sensitive signal (FB) away from the
switching signal (LX).
4.
Multi-layer PCB design is recommended.
VIN
VOUT
LX
GND
1
2
3
4
5
6
L1
C2
C1
R2
R1
Figure 25. FR9801 Recommended Layout Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com