Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C310FH-2-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # C310FH-2-R
Description  3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

C310FH-2-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  C310FH-2-R Datasheet HTML 1Page - Eaton All Rights Reserved. C310FH-2-R Datasheet HTML 2Page - Eaton All Rights Reserved. C310FH-2-R Datasheet HTML 3Page - Eaton All Rights Reserved. C310FH-2-R Datasheet HTML 4Page - Eaton All Rights Reserved. C310FH-2-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data 10405
Effective August 2017
C310FH
3.1 mm x 10 mm Fast-acting, axial lead ceramic tube fuses
www.eaton.com/electronics
Temperature derating curve
Environmental data
Terminal strength: MIL-STD-202G, Method 211A, test condition A
Thermal shock: MIL-STD- 202G, Method 107G, test condition (5 cycles -40 °C to +85 °C)
Vibration: MIL-STD- 202G, Method 201A
Life: MIL-STD- 202G, Method 108, (+70 °C at 60% rated current, 1000 hours)
Ordering codes
The ordering code is the part number replacing the “.” with a “-” plus adding the packaging suffix.
Packaging suffixes
• -TR1 (1500 parts on tape and reel, tape width 60 mm)
• -TR2 (1500 parts on tape and reel, tape width 52 mm)
• E-TR1 (Epoxy coated fuse, 1500 parts on tape and reel, tape
width 60 mm)
Ordering codes
Part number
-TR1 option
-TR2 option
E-TR1 option
C310FH-1.25-R
C310FH-1-25-R-TR1
C310FH-1-25-R-TR2
C310FH-1-25-RE-TR1
C310FH-1.6-R
C310FH-1-6-R-TR1
C310FH-1-6-R-TR2
C310FH-1-6-RE-TR1
C310FH-2-R
C310FH-2-R-TR1
C310FH-2-R-TR2
C310FH-2-RE-TR1
Temperature in Degrees C
Option code
•
Blank (Standard fuse)
•
E (Epoxy coated)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com