Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8241 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8241
Description  Intergrated Processor Hardware Specifications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8241 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8241 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8241 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8241 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8241 Datasheet HTML 4Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document describes part-number-specific changes to recommended operating conditions
and revised electrical specifications, as applicable, from those described in the general
MPC8241 Integrated Processor Hardware Specifications (Order No. MPC8241EC/D). The
MPC8241 combines a MPC603e PowerPC™ core microprocessor with a PCI bridge.
Specifications provided in this document supersede those in the MPC8241 Integrated
Processor Hardware Specifications, Rev. 0.3 or later, for the part numbers listed in Table A
only. Specifications not addressed herein are unchanged. Because this document is frequently
updated, refer to http://www.motorola.com/semiconductors or to your Motorola sales office
for the latest version.
Note that headings and table numbers in this document are not consecutively numbered. They
are intended to correspond to the heading or table affected in the general hardware
specification.
Part numbers addressed in this document are listed in Table A. For more detailed ordering
information see Section 1.9, “Ordering Information.”
Table A. Part Numbers Addressed by this Data Sheet
Motorola
Part Number 1
1
ZP = PGBA, ZQ = thick substrate and thick mold cap PBGA.
Operating Conditions
Significant
Differences from
Hardware
Specification
Processor
Version
Register
Value
CPU
Frequency
(MHz)
VDD
TJ (°C)
XPC8241TZP166B
MPC8241TZQ166D
166
1.8 ± 100 mV –40 to 105 Extended temperature
range for additional part
offering
0x80811014
XPC8241TZP200B
MPC8241TZQ166D
200
MPC8241TZQ266D
266
Note: The X prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by
Motorola SOP 3-13. These are from a limited production volume of prototypes manufactured, tested,
and Q.A. inspected on a qualified technology to simulate normal production. These parts have only
preliminary reliability and characterization data. Before pilot production prototypes may be shipped,
written authorization from the customer must be on file in the applicable sales office acknowledging the
qualification status and the fact that product changes may still occur while shipping pilot production
prototypes.
Advance Information
MPC8241TXXPNS
Rev. 1, 8/2003
MPC8241 Part Number
Specification for the
XPC8241TXXnnnx Series
Motorola Part
Numbers Affected:
XPC8241TZP166B
MPC8241TZQ166D
XPC8241TZP200B
MPC8241TZQ266D
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MPC8241

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8241EC FREESCALE-MPC8241EC Datasheet
859Kb / 58P
MPC8241 Integrated Processor Hardware Specifications
More results

Similar Description - MPC8241

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
Integrated Processor Hardware Specifications
logo
Freescale Semiconductor...
MPC8560 FREESCALE-MPC8560 Datasheet
2Mb / 108P
Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
Integrated Processor Hardware Specifications
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com