Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS1-12-R Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # CMS1-12-R
Description  Common mode inductors, surface mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMS1-12-R Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  CMS1-12-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMS1-12-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Technical Data
4313
Effective October 2015
CMS
Common mode inductors, surface mount
www.eaton.com/elx
Impedance Curves
Impedance CMS1-1 & 4
0
50
100
150
200
250
300
350
0.40.6 0.81
23
46
810
FREQUENCY (MHz)
-4
-1
Impedance CMS1 - 7,11, & 14
0
1000
2000
3000
4000
0.40.6 0.81
23
46
810
FREQUENCY (MHz)
-11
-14
-7
Impedance CMS2 - 7,11, & 14
0
2000
4000
6000
8000
10000
12000
14000
16000
18000
0.40.6
0.81
23
46
FREQUENCY (MHz)
-11
-14
-7
Impedance CMS3 - 1 & 4
0
200
400
600
800
1000
1200
1400
1600
0.40.6 0.81
23
46
8
FREQUENCY (MHz)
-4
-1
Impedance CMS3 - 7,11, & 14
0
2000
4000
6000
8000
10000
12000
14000
16000
0.40.6
0.81
23
46
8
FREQUENCY (MHz)
-11
-14
-7
Impedance CMS2 - 1 & 4
0
200
400
600
800
1000
1200
1400
1600
1800
0.40.6 0.81
246
81020
FREQUENCY (MHz)
-4
-1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com