Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS2-1-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # CMS2-1-R
Description  Common mode inductors, surface mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMS2-1-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  CMS2-1-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMS2-1-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMS2-1-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMS2-1-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMS2-1-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMS2-1-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Technical Data
4313
Effective October 2015
CMS
Common mode inductors, surface mount
www.eaton.com/elx
Direction of feed
+/-0.05
0.3Rad
max.
Ko
SECTION A-A
min.
Bo
Ao
12.0
See note 1
See note 6
+0.1/-0.0
A
A
1.75
7
See note 6
+/-0.3
0
typ.
Pin #1 indicator
A
B
Ko= 2.7mm
Ko=6.4mm
Bo=9.3mm
Ao=9.3mm
A
A
SECTION A-A
max.
0.3Rad
+/-0.05
K
Pin #1 Indicator
B
A
+0.1/-0.0
min
(see note 1)
(see note 6)
12.0
typ
1.75
(see note 6)
+/-0.3
User direction of feed
6.7
Ko=6.8mm
Bo=11.8mm
Ao=11.8mm
A
A
SECTION A-A
max.
0.3Rad
+/-0.05
K
Pin #1 Indicator
B
A
+0.1/-0.0
min
(see note 1)
(see note 6)
16.0
typ
1.75
(see note 6)
+/-0.3
User direction of feed
7.1
Attenuation
CMS 3
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
12
46
8102040
FREQUENCY (MHz)
-1 -4 -7
-11
-14
Attenuation
CMS 2
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
12
46
810204060
FREQUENCY (MHz)
-1 -4 -7
-11 -14
Attenuation
CMS 1
-35
-30
-25
-20
-15
-10
-5
0
12
46
810204060
FREQUENCY (MHz)
-1 -4 -7
-11 -14
Packaging Information
CMS1
CMS2
CMS3
Attenuation Curves
Supplied in tape and reel packaging, 2,000 parts per 13” diameter reel
Supplied in tape and reel packaging, 800 parts per 13” diameter reel
Supplied in tape and reel packaging, 600 parts per 13” diameter reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com