Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAXIM6064 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAXIM6064
Description  PLASTIC ENCAPSULATED DEVICES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXIM6064 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAXIM6064 Datasheet HTML 1Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 2Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 3Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 4Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 5Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 6Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 7Page - Maxim Integrated Products MAXIM6064 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Conclusion
The MAX6100 successfully meets the quality and reliability standards required of all Maxim products. In addition,
Maxim’s continuous reliability monitoring program ensures that all outgoing product will continue to meet Maxim’s quality
and reliability standards.
Table of Contents
I. ........Device Description
V. ........Quality Assurance Information
II. ........Ma nufacturing Information
VI. .......Reliability Evaluation
III. .......Packaging Information
IV. .......Die Information
.....Attachments
I. Device Description
A. General
The MAX6100 is a low-cost, low-dropout (LDO), micropower voltage references. This three-terminal reference has an
output voltage option of 1.8V. It features a proprietary curvature-correction circuit and laser-trimmed, thin-film
resistors that result in a low temperature coefficient of 75ppm/°C (max) and an initial accuracy of ±0.4% (max). This
device is specified over the extended temperature range (-40°C to +85°C).
This series-mode voltage reference draws only 90µA of supply current and can source 5mA and sink 2mA of load
current. Unlike conventional shunt-mode (two-terminal) references that waste supply current and require an external
resistor, this device offers a supply current that is virtually independent of the supply voltage (with only a 4µA/V
variation with supply voltage) and does not require an external resistor. Additionally, this internally compensated
device does not require an external compensation capacitor and is stable with load capacitance. Eliminating the
external compensation capacitor saves valuable board area in space-critical applications. Low dropout voltage and
supply-independent, ultra-low supply current makes this device ideal for battery-operated, high-performance, low-
voltage systems.
The MAX6100 is available in a tiny 3-pin SOT23 packages.
B. Absolute Maximum Ratings
Item
Rating
(Voltages Referenced to GND)
IN
-0.3V to +13.5V
OUT
-0.3V to (VIN + 0.3V)
Output Short-Circuit to GND or IN (VIN < 6V)
Continuous
Output Short-Circuit to GND or IN (VIN = 6V)
60s
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-65°C to +150°C
Lead Temperature (soldering, 10s)
+300°C
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23
320mW
Derates above +70°C
3-Pin SOT23
4.0mW/°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com