Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC866TZP133 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC866TZP133
Description  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC866TZP133 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC866TZP133 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC866TZP133 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
MOTOROLA
MPC866/859 Hardware Specifications
3
Features
— Multiple APC priority levels available to support a range of traffic pace requirements
— ATM port-to-port switching capability without the need for RAM-based microcode
— Simultaneous MII (10/100Base-T) and UTOPIA (half-duplex) capability
— Optional statistical cell counters per PHY
— UTOPIA level 2 compliant interface with added FIFO buffering to reduce the total cell
transmission time. (The earlier UTOPIA level 1 specification is also supported.)
– Multi-PHY support on the MPC866, MPC859P, and MPC859T
– Four PHY support on the MPC866/859
— Parameter RAM for both SPI and I2C can be relocated without RAM-based microcode
— Supports full-duplex UTOPIA both master (ATM side) and slave (PHY side) operation using a
'split' bus
— AAL2/VBR functionality is ROM-resident.
•
Up to 32-bit data bus (dynamic bus sizing for 8, 16, and 32 bits)
•
Thirty-two address lines
•
Memory controller (eight banks)
— Contains complete dynamic RAM (DRAM) controller
— Each bank can be a chip select or RAS to support a DRAM bank
— Up to 30 wait states programmable per memory bank
— Glueless interface to page mode/EDO/SDRAM, SRAM, EPROMs, flash EPROMs, and other
memory devices.
— DRAM controller programmable to support most size and speed memory interfaces
— Four CAS lines, four WE lines, and one OE line
— Boot chip-select available at reset (options for 8-, 16-, or 32-bit memory)
— Variable block sizes (32 Kbytes–256 Mbytes)
— Selectable write protection
— On-chip bus arbitration logic
•
General-purpose timers
— Four 16-bit timers cascadable to be two 32-bit timers
— Gate mode can enable/disable counting
— Interrupt can be masked on reference match and event capture
•
Fast Ethernet controller (FEC)
— Simultaneous MII (10/100Base-T) and UTOPIA operation when using the UTOPIA
multiplexed bus
•
System integration unit (SIU)
— Bus monitor
— Software watchdog
— Periodic interrupt timer (PIT)
— Low-power stop mode
— Clock synthesizer
— Decrementer and time base from the PowerPC architecture
— Reset controller
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com