Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM291908 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM291908
Description  9.52 Centers; Modular
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM291908 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM291908 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
EuroMag Series PCB Mount Terminal Blocks
PCB Hole Layout
ø
ø
EM2919 Series
EuroMag Terminal Blocks
9.52 Centers; Modular
SPECIFICATIONS
Rating: 30A, 600V
Center Spacing: 0.375” (9.52mm)
Wire Range: #10-2
4 AWG
Housing Material: UL rated 94V0 Thermoplastic
Contact Material: Brass Tin-Plated
Cage Material: Steel, Nickel-Plated
Screw Size: M3.0
Zinc-Plated Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating:
9.0 lb-in.
Recommended PCB Hole Diameters: 0.055" (1.40mm)
Construction: Modular design features dovetails for interlocking
to achieve longer lengths
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
19.04
28.56
38.08
47.60
57.12
66.64
76.16
85.68
95.20
104.72
114.24
123.76
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
133.28
142.80
152.32
161.84
171.36
180.88
190.40
199.92
209.44
218.96
228.48
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 2 9 1 9
EM291905
Dimensions - mm (in)
60


Similar Part No. - EM291908

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290502 EATON-EM290502 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290503 EATON-EM290503 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290504 EATON-EM290504 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM290505 EATON-EM290505 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
More results

Similar Description - EM291908

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
EM3123 COOPER-EM3123 Datasheet
231Kb / 9P
Euro-Mag Terminal Blocks 3.50 Centers Modular
logo
List of Unclassifed Man...
S-2-F-4-G ETC2-S-2-F-4-G Datasheet
299Kb / 1P
Size 2 .100 Centers
S-3-H-7-G ETC2-S-3-H-7-G Datasheet
136Kb / 1P
SIZE 3 125 CENTERS
S-2-E-4-G ETC2-S-2-E-4-G Datasheet
302Kb / 1P
Size 2 .100 Centers
logo
Laird Tech Smart Techno...
OC51505H LSTD-OC51505H Datasheet
575Kb / 1P
Transportation centers
logo
Eaton All Rights Reserv...
EM2785 EATON-EM2785 Datasheet
880Kb / 1P
45째 Entry; Screwless; Modular; 5.00 Centers
EM2905 EATON-EM2905 Datasheet
3Mb / 11P
High Current; 5.00 Centers; Modular
EM3660 EATON-EM3660 Datasheet
848Kb / 1P
5.00 Centers; Modular
EM3665 EATON-EM3665 Datasheet
1Mb / 1P
5.00 Centers; Modular
EM9126 EATON-EM9126 Datasheet
968Kb / 1P
6.35 Centers; Modular
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com