Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM503513 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # EM503513
Description  Pluggable Block, Stackable (Mates with EM5045 Series) 5.00 Centers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

EM503513 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  EM503513 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For additional product information, visit
www.eaton.com/connectors
L ±0.5
12.5±0.3
[0.492]
10.5±0.3
[0.413]
12.5±0.3
[0.492]
14.8±0.3
[0.583]
2.5±0.3
[0.098]
5.0±0.1
[0.197]
2.20
[0.087]
3.50
[0.138]
3.50
[0.138]
4.40
[0.173]
1.30
[0.051]
3.0
[0.118]
5.00
[0.197]
6.2±0.3
[0.244]
EuroMag Series PCB Mount Pluggable Terminal Blocks
EM5035 Series
EuroMag Terminal Blocks
Pluggable Block, Stackable
(Mates with EM5045 Series) 5.00 Centers
SPECIFICATIONS
Rating: 10A, 300V
Center Spacing: 0.197” (5.00mm)
Wire Range: #16-24 AWG
Housing Material: Black UL 94V0 Thermoplastic
Contact Material: Tin-Plated Brass
Wire Protector: Phosphor Bronze, Tin-Plated
Screw Size: M2.6 Chromatized Steel
Operating Temperature: 105°C (221°F) max., -40°C
(-40°F) min.
Torque Rating: 3.0 lb-in.
Construction: Modular design features dovetails for
interlocking to achieve longer lengths
Agency Information:
File E62622; CE Certified
Poles
2
3
4
5
6
7
8
9
10
11
12
13
L (mm)
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
Poles
14
15
16
17
18
19
20
21
22
23
24
L (mm)
70.0
75.0
80.0
85.0
90.0
95.0
100.0
105.0
110.0
115.0
120.0
To convert to inches, divide by 25.4
Part Numbering System
Series
# of Poles
nnnnnnnnnnnn nnnn
02 to 24
EM 503 5
EM503503
EM503502
Dimensions - mm (in)
Shown with EM5045series header - order seperately
Mating Header: EM5045 pg. 1
06
105


Similar Part No. - EM503513

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM503 LEADSHINE-EM503 Datasheet
1Mb / 7P
20-50V, 0.21-3A, Sensorless Stall Detection, Pre-Matching Motor
More results

Similar Description - EM503513

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
EM2115 EATON-EM2115 Datasheet
971Kb / 1P
Pluggable Terminal Block with Flanges; (Mates with EM2215 Series);5.00 Centers
EM2413 EATON-EM2413 Datasheet
665Kb / 1P
Pluggable Block with Flanges (Mates with EM2201 Series); 3.50 Centers
EM2416 EATON-EM2416 Datasheet
894Kb / 1P
Pluggable Block with Flanges (Mates with EM2426 Series); 7.62 Centers
EM2423 EATON-EM2423 Datasheet
670Kb / 1P
Pluggable Block with Flanges (Mates with EM2211 Series); 3.81 Centers
EM2525 EATON-EM2525 Datasheet
656Kb / 1P
Pluggable Block (Mates with EM2535 Series); 5.00 Centers
EM2565 EATON-EM2565 Datasheet
909Kb / 1P
Pluggable Block (Mates with EM2575 Series); 5.08 Centers
EM3533 EATON-EM3533 Datasheet
1,015Kb / 1P
Pluggable Block (Mates with EM2221 Series); 3.50 Centers
EM3583 EATON-EM3583 Datasheet
671Kb / 1P
IDC Pluggable Block (Mates with EM3593 Series); 3.81 Centers
EM5015 EATON-EM5015 Datasheet
663Kb / 1P
Pluggable Block (Mates with EM5025 Series); 5.00 Centers
EM5045 EATON-EM5045 Datasheet
664Kb / 1P
Header (Mates with EM5035 Series); 5.00 Centers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com