Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9803 Datasheet(PDF) 12 Page - OKI electronic componets

Part # MSM9803
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9803 Datasheet(HTML) 12 Page - OKI electronic componets

Back Button MSM9803 Datasheet HTML 8Page - OKI electronic componets MSM9803 Datasheet HTML 9Page - OKI electronic componets MSM9803 Datasheet HTML 10Page - OKI electronic componets MSM9803 Datasheet HTML 11Page - OKI electronic componets MSM9803 Datasheet HTML 12Page - OKI electronic componets MSM9803 Datasheet HTML 13Page - OKI electronic componets MSM9803 Datasheet HTML 14Page - OKI electronic componets MSM9803 Datasheet HTML 15Page - OKI electronic componets MSM9803 Datasheet HTML 16Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
12/51
MSM9802/03/05-xxx
¡ Semiconductor
TIMING DIAGRAMS
AC Characteristics at Power-On
AC Characteristics in Standby Status and when the IC is Activated
Repeated Playback Timing
SW0 (I)
BUSY (O)
AOUT (O)
tBLN


SW2-SW0 (I)
A2-A0 (I)



First phrase
"000"
"000"
First phrase
Single phrase
playback
Single phrase
repeated playback
VDD
RESET (I)
BUSY (O)
tD(RST)
,

VDDMin


SW2-SW0 (I)


tW(RST)
SW0 (I)
BUSY (O)
AOUT (O)
tw(SW)
tCHA
tDAR
tSTB
tDAF
tSBS
Address data fetch
Oscillation start D/A converter change time
Standby status
Standby status
Standby transition time
,

SW2-SW0 (I)
A2-A0 (I)
,,,


First phrase
First phrase
"000"
"000"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com