Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KB4015 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KB4015
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KB4015 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2KB4015 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KB4015 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2KB4015
Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -100 A
IE=0
-180
Collector- emitter breakdown voltage
VCER
IC=-1 uA, RB < 1k
-180
Collector- emitter breakdown voltage
VCEO
Ic= -10 mA
IB=0
-140
Emitter - base breakdown voltage
VEBO
IE= -100
A
IC=0
-6
VCB= -150 V , IE=0
-50
nA
VCB= -150 V , IE=0 , Ta = 100
-1
uA
VCE= -140 V , IE=0
-50
nA
VCE= -140 V , IE=0 , Ta = 100
-1
uA
Emitter cut-off current
IEBO
VEB= -6V , IC=0
-100
nA
IC=-100 mA, IB=-5 mA
-60
IC=-500 mA, IB=-50mA
-120
IC=-1 A, IB=-100mA
-150
IC=-3 A, IB=-300mA
-370
Base - emitter saturation voltage
VBE(sat)
IC=-3 A, IB=-300mA
-1110
Base - emitter turn-on voltage
VBE(on)
VCE= -5V, IC= -3A
-950
VCE= -5V, IC= -10mA
100
VCE=- 5V, IC= -1 A
100
300
VCE= -5V, IC= -3 A
75
VCE= -5V, IC= -10 A
10
ton
68
toff
1030
Collector output capacitance
Cob
VCB= -20V,f=1MHz
40
pF
Transition frequency
fT
VCE= -10V, IC= -100mA,f=50MHz
110
MHz
Switching Times
IC=-1A, IB1=-100mA
IB2=100mA, VCC=-50V
ns
Collector-emitter saturation voltage
VCE(sat)
mV
DC current gain
hFE
V
Collector-base cut-off current
ICBO
Collector cut-off current R < 1k
ICER
Note : Measured under pulsed conditions. Pulse width=300 us. Duty cycle
2%
Marking
2KC
Marking



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com