Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2KB4004-R Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2KB4004-R
Description  PNP Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2KB4004-R Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2KB4004-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2KB4004-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2KB4004-R Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
PNP Transistors
2
Features
Low VCE(sat)
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-r
o
t
c
e
ll
o
C
CBO
-40
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-r
o
t
c
e
ll
o
C
CEO
-32
V
V
e
g
a
tl
o
V
e
s
a
B
-r
e
tt
i
m
E
EBO
-5
V
A
1
-
)
C
D
(
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
Single pulse, PW
A
2
-
s
m
0
0
1
=
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
*
0.5
W
T
e
r
u
t
a
r
e
p
m
e
t
n
o
it
c
m
u
J
j
150
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
-55 to +150
* When mounted on a 40x40x0.7mm ceramic board.
IC
hFE Classification
■
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector- base breakdown voltage
VCBO
Ic= -50μA, IE=0
-40
Collector- emitter breakdown voltage
VCEO
Ic= -1 mA, IB=0
-32
Emitter - base breakdown voltage
VEBO
IE= -50μA, IC=0
-5
Collector-base cut-off current
ICBO
VCB= -20 V , IE=0
-0.5
Emitter cut-off current
IEBO
VEB= -4V , IC=0
-0.5
Collector-emitter saturation voltage
VCE(sat) IC=-500 mA, IB=-50mA
-0.2
-0.5
V
DC current gain
hFE
VCE= -3V, IC= -0.1A
82
390
Collector output capacitance
Cob
VCB= -10V, IE= 0mA,f=1MHz
20
30
pF
Transition frequency
fT
VCE= -5V, IE= 50mA,f=30MHz
150
MHz
V
uA
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Type
2KB4004-P
2KB4004-Q
2KB4004-R
Range
82-180
120-270
180-390
Marking
BAP*
BAQ*
BAR*


Similar Part No. - 2KB4004-R

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2KB4015 KEXIN-2KB4015 Datasheet
177Kb / 3P
PNP Transistors
More results

Similar Description - 2KB4004-R

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2N5401 WEITRON-2N5401 Datasheet
720Kb / 4P
PNP Transistors
logo
Guangdong Kexin Industr...
2SB766A KEXIN-2SB766A_15 Datasheet
884Kb / 2P
PNP Transistors
2SA733-HF KEXIN-2SA733-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1036-HF KEXIN-2SA1036-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1037-HF KEXIN-2SA1037-HF_15 Datasheet
1Mb / 2P
PNP Transistors
2SA1122-HF KEXIN-2SA1122-HF_15 Datasheet
712Kb / 2P
PNP Transistors
2SB624-HF KEXIN-2SB624-HF_15 Datasheet
401Kb / 1P
PNP Transistors
2SB736A-HF KEXIN-2SB736A-HF_15 Datasheet
1Mb / 3P
PNP Transistors
2SB799-HF KEXIN-2SB799-HF_15 Datasheet
1Mb / 3P
PNP Transistors
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com