Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2NP02 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2NP02
Description  Complementary Trench MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2NP02 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2NP02 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd 2NP02 Datasheet HTML 7Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Complementary Trench MOSFET
N-Channel Electrical Characteristics Ta = 25
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=250
A, VGS=0V
20
V
VDS=20V, VGS=0V
1
VDS=20V, VGS=0V, TJ=55
5
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=
8V
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS , ID=250
A
0.4
0.7
1
V
VGS=4.5V, ID=3.4A
51
65
VGS=4.5V, ID=3.4A
TJ=125
68
85
VGS=2.5V, ID=3A
58
75
VGS=1.8V, ID=2A
68
100
On State Drain Current
ID(ON)
VGS=4.5V, VDS=5V
13
A
Forward Transconductance
gFS
VDS=5V, ID=3.4A
16
S
Input Capacitance
Ciss
205
260
320
Output Capacitance
Coss
33
48
63
Reverse Transfer Capacitance
Crss
16
27
38
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
1.5
3
4.5
Total Gate Charge (4.5V)
Qg
2.9
3.8
Gate Source Charge
Qgs
0.4
Gate Drain Charge
Qgd
0.6
Turn-On DelayTime
td(on)
2.5
Turn-On Rise Time
tr
3.2
Turn-Off DelayTime
td(off)
21
Turn-Off Fall Time
tf
3
Body Diode Reverse Recovery Time
trr
14
19
Body Diode Reverse Recovery Charge
Qrr
3.8
nC
Maximum Body-Diode Continuous Current
IS
1.5
A
Diode Forward Voltage
VSD
IS=1A,VGS=0V
0.7
1
V
IF= 3.4A, dI/dt= 100A/
s
VGS=0V, VDS=10V, f=1MHz
VGS=5V, VDS=10V, RL=2.95
,RG=3
A
m
pF
nC
ns
VGS=4.5V, VDS=10V, ID=3.4A
Zero Gate Voltage Drain Current
IDSS
Static Drain-Source On-Resistance
RDS(On)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com