Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1774-R Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SA1774-R
Description  PNP Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SA1774-R Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SA1774-R Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SA1774-R Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
www.kexin.com.cn
2
Transistors
PNP Transistors
2SA1774
■
Typical Characterisitics
0
1
-
1
-
1
.
0
-
1
10
0
0
1
-
0
1
-
1
-
1
.
0
-
-1000
0
0
1
-
0
1
-
1
-
1
.
0
-
-1
-10
-100
-1000
0
25
50
75
100
125
150
0
50
100
150
200
-0.2
-0.4
-0.6
-0.8
-1.0
-0.1
-1
-10
-100
0
0
1
-
0
1
-
1
-
500
-0
-2
-4
-6
-8
-10
-0
-20
-40
-60
-80
-100
f=1MHz
I
E=0/IC=0
T
a=25
℃
30
3
C
ob
C
ib
-0.3
-20
-3
REVERSE VOLTAGE
V (V)
-500
β=10
V
CEsat
V
—
—
BEsat
—— I
C
-30
-300
-0.3
T
a=100
℃
T
a=25
℃
-200
-3
COLLECTOR CURRENT
I
C
(mA)
β=10
I
C
-0.3
-3
-3
T
a=100
℃
-300
-30
-200
-30
T
a=25
℃
COLLECTOR CURRENT
I
C
(mA)
P
c
—— T
a
AMBIENT TEMPERATURE
T
a
( )
℃
V
CB/ VEB
C
ob/ Cib
——
V
BE
I
C
——
T
a=100
℃
T
a=25
℃
-30
-3
-0.3
V
CE=-6V
BASE-EMITTER VOLTAGE
V
BE
(V)
400
300
200
600
I
C
h
FE
——
-0.3
-200
T
a=100
℃
T
a=25
℃
COMMON EMITTER
V
CE=-6V
100
-30
-3
COLLECTOR CURRENT
I
C
(mA)
Static Characteristic
COMMON
EMITTER
T
a=25
℃
-500uA
-350uA
-450uA
-300uA
-250uA
-400uA
-200uA
-150uA
-100uA
I
B=-50uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com