Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22286-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # AD22286-R2
Description  Dual-Axis, High-g, MEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22286-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD22286-R2 Datasheet HTML 3Page - Analog Devices AD22286-R2 Datasheet HTML 4Page - Analog Devices AD22286-R2 Datasheet HTML 5Page - Analog Devices AD22286-R2 Datasheet HTML 6Page - Analog Devices AD22286-R2 Datasheet HTML 7Page - Analog Devices AD22286-R2 Datasheet HTML 8Page - Analog Devices AD22286-R2 Datasheet HTML 9Page - Analog Devices AD22286-R2 Datasheet HTML 10Page - Analog Devices AD22286-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADXL278
Rev. A | Page 7 of 12
THEORY OF OPERATION
The ADXL278 provides a fully differential sensor structure and
circuit path, resulting in the industry’s highest resistance to
EMI/RFI effects. This latest generation uses electrical feedback
with zero-force feedback for improved accuracy and stability.
The sensor resonant frequency is significantly higher than the
signal bandwidth set by the on-chip filter, avoiding the signal
analysis problems caused by resonant peaks near the signal
bandwidth.
Figure 5 is a simplified view of one of the differential sensor
elements. Each sensor includes several differential capacitor
unit cells. Each cell is composed of fixed plates attached
to the substrate and movable plates attached to the frame.
Displacement of the frame changes the differential capacitance,
which is measured by the on-chip circuitry.
Complementary 200 kHz square waves drive the fixed plates.
Electrical feedback adjusts the amplitudes of the square waves
such that the ac signal on the moving plates is 0. The feedback
signal is linearly proportional to the applied acceleration. This
unique feedback technique ensures that there is no net
electrostatic force applied to the sensor. The differential
feedback control signal is also applied to the input of the filter,
where it is filtered and converted to a single-ended signal.
UNIT
SENSING
CELL
MOVABLE
FRAME
FIXED
PLATES
UNIT
FORCING
CELL
ANCHOR
MOVING
PLATE
PLATE
CAPACITORS
ANCHOR
Figure 5. Simplified View of Sensor Under Acceleration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com