Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HHB-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HHB-R
Description  In-line fuse holder
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HHB-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HHB-R Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Data 2103
Effective March 2018
Supersedes June 2017
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2018 Eaton
All Rights Reserved
Printed in USA
Publication No. 2103 BU-SB09721
March 2018
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly used
in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
HHB
1/4” x 7/8” to 1/4" x 1 1/4" In-line fuse holder
Product features
•
For 1⁄4" x 7⁄8" to 1⁄4" x 1 1⁄4" fuses
•
Accepts #16 to #12 AWG copper wire
•
Simple crimp assembly
•
“Snap-Lock” feature provides strong positive
union
•
High visibility yellow color
•
Recommended crimp tools:
o
Thomas & Betts – ERG4002
o
Channellock No. 909
o
Thomas & Betts WT-112M
•
UL flammability rating 94 V2
Ordering
• Specify packaging code
• Insert packaging code prefix before part number
E.g. BK/HHB-R
• Specify option codes if desired
• Drop “-R” suffix when ordering. E.g. BK/HHB-Y408
Specifications
Part
Number
Volts
Amps
HHB-R*
32
30 max
*RoHS compliant construction.
11/4˝
7
/8˝
Dimensions - in (mm)
Drawing Not to Scale
Component
Material
Body
Nylon
Crimp
Copper Tin-Plated
Packaging Code
Packaging Code
x
Description
Blank
10 fuse holders packed into a carton
BK
1,000 fuse holders packed into a cardboard shelf package
Option Code
Option Code
Description
Y408** †
#14AWG insulated wire with 8 inch yellow leads
R408 †
#14AWG insulated wire with 8 inch red leads
B408** †
#14AWG insulated wire with 8 inch black leads
Y419** †
#14AWG insulated wire with 19 inch yellow leads
R419** †
#14AWG insulated wire with 19 inch red leads
B419** †
#14AWG insulated wire with 19 inch black leads
**Not available in RoHS compliant construction.
† Drop “-R”
when ordering these options.


Similar Part No. - HHB-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HHB-R COOPER-HHB-R Datasheet
163Kb / 1P
1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
HHB-R* COOPER-HHB-R* Datasheet
163Kb / 1P
1??? x 7??? to 1 1??? In-Line Fuse Holders
More results

Similar Description - HHB-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
441-R332A-GR ETC2-441-R332A-GR Datasheet
195Kb / 2P
In-Line Fuse Holder
441-R332B-GR ETC2-441-R332B-GR Datasheet
208Kb / 2P
In-Line Fuse Holder
441-R364-GR ETC2-441-R364-GR Datasheet
182Kb / 2P
In-Line Fuse Holder
logo
Eaton All Rights Reserv...
HHK EATON-HHK Datasheet
135Kb / 1P
in-line fuse holder
HHN EATON-HHN Datasheet
202Kb / 1P
in-line fuse holder
logo
Littelfuse
01550500Z-UL LITTELFUSE-01550500Z-UL Datasheet
320Kb / 1P
155 SERIES BAYONET IN-LINE FUSE HOLDER
Rev: 041519
277 LITTELFUSE-277 Datasheet
179Kb / 1P
277 IN-LINE SERIES 32V 20A IN-LINE BLADE FUSE HOLDER
2022
MAXIMAB LITTELFUSE-MAXIMAB Datasheet
172Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021
MAXIMAH LITTELFUSE-MAXIMAH Datasheet
277Kb / 1P
IN-LINE BLADE FUSE HOLDER
2021
MAXI-MAB LITTELFUSE-MAXI-MAB Datasheet
171Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com