Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKP Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HKP
Description  Panel-mount fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HKP Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HKP Datasheet HTML 1Page - Eaton All Rights Reserved. HKP Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2106
Effective June 2017
Supersedes June 2008
Product features
• Specify packaging, product, and option code
• Optional metal nut, order separately part number
BK/1A4806-2 (100 parts minimum)
HKP
1/4” x 1 1/4” Panel-mount fuse holders
•
For 1⁄4" x 1 1⁄4" (6.3 mm x 32 mm) fuses
•
Maximum panel thickness 5⁄16" (7.9 mm) thick
•
Bayonet-type knob
•
Vibration resistant
•
Military version is designated FHN26G1
•
Standard plastic nut
•
Optional metal nut
•
Cap – 9435-1/2
•
Neoprene washer – 9732
Ordering information
Agency information
•
UL Recognized: IZLT2, E14853
•
CSA Component Acceptance: Class 6225-01, File 47235
•
CE (HKP, HKP-L, HKP-W, HKP-OO)
• Temperature rating (RTI): The mounting body for all devices
has a temperature rating of 150 °C. The knob for these
devices are molded plastic with a temperature rating of 150 °C.
• Meets UL 94HB
• Terminal Strength: 5 pounds
• Torque: Mounting – 20 inch-pound
• Salt Spray (corrosion): Test condition B
Environmental data
Specications
Product
Feature
Voltage
Current
Code
Rating
Rating
HKP
Standard
250 V
30 A
HKP-BBHH
1
⁄4" Quick-Connects, nut and washer assembled
250 V
15 A
HKP-HH
1
⁄4" Quick-Connects
250 V
15 A
HKP-L
2250 stand-o barrier
250 V
30 A
HKP-LW-HH
Drip-proof knob, 2250V stand-off barrier and 1⁄4" quick connects1
250 V
15 A
HKP-OO
Snap-lock
250 V
30 A
HKP-W
Drip-proof knob1
250 V
30 A
1. IP53 rating for exposed locations


Similar Part No. - HKP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HKP COOPER-HKP Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
HKP-BBHH COOPER-HKP-BBHH Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
HKP Panel-Mount Series
HKP-HH COOPER-HKP-HH Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
HKP-L COOPER-HKP-L Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
More results

Similar Description - HKP

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HBH-I COOPER-HBH-I Datasheet
258Kb / 2P
Fuse Holders
logo
Littelfuse
04980910ZXT LITTELFUSE-04980910ZXT Datasheet
175Kb / 1P
Fuse Holders
178.6116.2501 LITTELFUSE-178.6116.2501 Datasheet
236Kb / 1P
Fuse Holders
logo
List of Unclassifed Man...
441-R359A-GR ETC2-441-R359A-GR Datasheet
85Kb / 2P
Fuse Holders
logo
Littelfuse
345 LITTELFUSE-345 Datasheet
779Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
345-HV LITTELFUSE-345-HV Datasheet
899Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders
03450601H LITTELFUSE-03450601H_V01 Datasheet
719Kb / 3P
345 HV Series Panel Mount Enclosed Fuse Holders/345 HV Series Shock Safe Circuit Board Mount Enclosed Fuse Holders
Revised: 12/10/19
03453LS7HXLNP LITTELFUSE-03453LS7HXLNP_V01 Datasheet
658Kb / 3P
345 Series Shock-Safe Panel Mount Enclosed Fuse Holders
Revised: 01/31/20
05710027L LITTELFUSE-05710027L_V01 Datasheet
286Kb / 1P
571 & 572 SERIES PANEL-MOUNT FUSE HOLDERS
Rev: 032122
80000000005 LITTELFUSE-80000000005 Datasheet
929Kb / 2P
800/801/802/803 Series Panel Mount Enclosed Fuse Holders
Revised: 12/16/19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com