Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV0810-2R7105-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # HV0810-2R7105-R
Description  Cylindrical cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HV0810-2R7105-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  HV0810-2R7105-R Datasheet HTML 1Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 2Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 3Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 4Page - Eaton All Rights Reserved. HV0810-2R7105-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4376
Effective May 2016
HV supercapacitors
Cylindrical cells
www.eaton.com/elx
Ratings
Capacitance
1.0 F to 100 F
Maximum working voltage
2.7 V
Surge voltage
3.0 V
Capacitance tolerance
-10% to +30%
Operating temperature range
-40 °C to +65 °C
Extended temperature range
-40 °C to +85 °C (with linear voltage derating to 2.3 V @ 85 °C)
Specifications
Capacitance1 (F)
Part Number
Maximum
Initial ESR1
(Ω)
Nominal
Leakage
Current2
(µA)
Stored Energy3
(mWh)
Peak
Power4 (W)
Pulse
Current5
(A)
Continuous
Current6 (A)
Typical
Thermal
Resistance7,
Rth (°C/W)
Short
Circuit
Current8
(A)
1
HV0810-2R7105-R
0.200
10
1.0
9.1
1.1
0.8
120
14
3
HV0820-2R7305-R
0.080
15
3.0
23
3.3
1.6
76
34
5
HV1020-2R7505-R
0.040
20
5.1
46
5.6
2.3
73
68
6
HV0830-2R7605-R
0.040
20
6.1
46
6.5
2.8
47
68
10
HV1030-2R7106-R
0.034
23
10
54
10
3.3
40
79
15
HV1325-2R7156-R
0.030
23
15
61
14
3.1
53
90
25
HV1625-2R7256-R
0.027
45
25
68
20
3.4
47
100
35
HV1245-2R7356-R
0.020
51
35
91
28
5.8
22
135**
35
HV1635-2R7356-R
0.024
51
35
76
26
4.0
39
113
60
HV1840-2R7606-R
0.018
110
61
101
39
5.7
26
150**
100
HV1860-2R7107-R
0.012
260
101
152
61
11
10
225**
** Repeated short circuit current will permanently damage the leads and cause an open failure.
Performance
Parameter
Capacitance change
(% of initial value)
ESR
(% of maximum initial value)
Life (1000 hours @ +65 °C @ 2.7 Vdc)
≤ 30%
≤ 200%
Storage (3 years, uncharged, <+35 °C)
≤ 5%
≤ 110%
Cycle Life9 (500,000 cycles)
≤ 30%
≤ 200%
1. Capacitance and Equivalent Series Resistance (ESR) measured according to IEC62391-1 at +20 °C, with current in milliamps (mA) = 8*C*V
2. Leakage current at 20 °C after 72 hour charge and hold
3. Energy (mWh) = ½*C*V2 *1000
3600
4. Peak Power (W) =
V2
4*ESR
5. Pulse Current in Amps (A), 1 second discharge from rated voltage to half rated voltage = ½*C*V
(1+ESR*C)
6. Continuous current with a 15 °C temperature rise. Continuous current (A) =
7. Thermal resistance (Rth) cell body temperature to ambient in open air in degrees C per Watt (°C/W)
8. Short circuit current is for safety information only. Do not use as operating current.
9. Cycling between rated voltage and half voltage, 3 seconds rest at +20 °C
Safety and Certifications
Regulatory
UL810a, RoHS
Warnings
Do not overvoltage, do not reverse polarity
Shipping
UN3499, <0.3Wh, Non-hazardous goods



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com