Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KR-5R5V104-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # KR-5R5V104-R
Description  Coin cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KR-5R5V104-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  KR-5R5V104-R Datasheet HTML 1Page - Eaton All Rights Reserved. KR-5R5V104-R Datasheet HTML 2Page - Eaton All Rights Reserved. KR-5R5V104-R Datasheet HTML 3Page - Eaton All Rights Reserved. KR-5R5V104-R Datasheet HTML 4Page - Eaton All Rights Reserved. KR-5R5V104-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data
4327
Effective September 2016
KR Supercapacitors
Coin cells
www.eaton.com/electronics
Dimensions (mm)
C Type (cylindrical)
Part Number
Ø D
Max
H
Max
L (-)
±0.2
L (+)
±0.2
P
±0.3
T
±0.05
L1
±0.10
L2
±0.10
W
±0.06
W1
±0.06
KR-5R5C104-R
13.5
6.5
6.1
5.7
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C104H-R
13.5
6.5
3.3
3.3
5.0
0.4
0.9
1.9
0.8
1.3
KR-5R5C224-R
13.5
6.5
6.1
5.7
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C224H-R
13.5
6.5
3.3
3.3
5.0
0.4
0.9
1.9
0.8
1.3
KR-5R5C334-R
13.5
6.5
6.1
5.7
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C334H-R
13.5
6.5
3.3
3.3
5.0
0.4
0.9
1.9
0.8
1.3
KR-5R5C474-R
13.5
6.5
6.1
5.7
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C474H-R
13.5
6.5
3.3
3.3
5.0
0.4
0.9
1.9
0.8
1.3
KR-5R5C105-R
21.5
7.1
6.5
5.8
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C105H-R
21.5
7.1
3.3
3.3
5.0
0.4
0.8
1.8
0.8
1.3
KR-5R5C155-R
21.5
7.1
6.5
5.8
5.0
0.4
3.0
4.0
0.8
1.3
KR-5R5C155H-R
21.5
7.1
3.3
3.3
5.0
0.4
0.8
1.8
0.8
1.3
P
P
Polarity Marking
Location
L(-)
D
L(+)
T
H Max
Polarity Marking
Location
-
+
L(+)
T
D
H Max
L(-)
KR-5R5C104/224/334/474-
K
RR-5R5C105/155-R
Sleeve
L1
W
W1
L2
Sleeve
L1
W
W1
L2
-
+
5.00
1.60 ±0.05
Recommended PCB Layout
5.00
1.60 ±0.05
Recommended PCB Layout
Part numbering system
KR
—
5
R
5
o
o
o
o
H*
-R
Family Code
Voltage (V)
R = Decimal
Configuration
Capacitance (μF)
Short lead length
RoHS Compliant
Value
Multiplier
5R5 = 5.5 V
V = Vertical
H = Horizontal
C=Cylindrical
Example: 474 = 47 x 104 μF or 0.47 F
* Applies to cylindrical part numbers only. If ordering vertical or horizontal types, or standard lead length on cylindrical type, omit “H” from part number.
Packaging information
•
Standard packaging: 500 pieces per package
•
For 0.1 F to 0.47 F, 500 pieces per bag
•
For 1.0 F to 1.5 F, 100 pieces per tray, 5 trays per box
Part marking
•
Manufacturer
•
Capacitance (F)
•
Max operating voltage (V)
•
Polarity



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com