Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV1030-2R7106-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # HV1030-2R7106-R
Description  Cylindrical cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HV1030-2R7106-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  HV1030-2R7106-R Datasheet HTML 1Page - Eaton All Rights Reserved. HV1030-2R7106-R Datasheet HTML 2Page - Eaton All Rights Reserved. HV1030-2R7106-R Datasheet HTML 3Page - Eaton All Rights Reserved. HV1030-2R7106-R Datasheet HTML 4Page - Eaton All Rights Reserved. HV1030-2R7106-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data
4376
Effective May 2016
HV supercapacitors
Cylindrical cells
www.eaton.com/elx
Part numbering system
HV
1860
–2R7
10
7
-R
Family code
Size reference (mm)
Voltage (V)
R = decimal
Capacitance (μF)
Value
Multiplier
RoHS compliant
HV = Family Code
Diameter = 18
Length = 60
2R7 = 2.7 V
Example 107= 10 x 107 μF or 100 F
Packaging information
•
Standard packaging: Bulk, 100 units per bag
(8 mm - 13 mm diameter)
•
16 mm - 18 mm diameter products: Bulk package
quantity varies by size.
Dimensions (mm)
Part Number
ØD nominal
ØD maximum
L maximum
F ±0.50
Ød ±0.02
C minimum
C’ minimum
Typical mass
(grams/pieces)
HV0810-2R7105-R
8.0
8.5
13.5
3.5
0.50
20.0
25.0
1.2
HV0820-2R7305-R
8.0
8.5
21.0
3.5
0.50
20.0
25.0
1.4
HV1020-2R7505-R
10.0
10.5
22.3
5.0
0.60
20.0
25.0
2.3
HV0830-2R7605-R
8.0
8.5
31.0
3.5
0.50
20.0
25.0
2.1
HV1030-2R7106-R
10.0
10.5
31.5
5.0
0.60
20.0
25.0
3.2
HV1325-2R7156-R
13.0
13.5
28.4
5.0
0.60
20.0
25.0
4.5
HV1625-2R7256-R
16.0
16.5
28.4
7.5
0.80
20.0
25.0
7.3
HV1245-2R7356-R
12.5
12.9
49.0
5.0
0.60
20.0
25.0
8.0
HV1635-2R7356-R
16.0
16.5
38.0
7.5
0.80
20.0
25.0
9.3
HV1840-2R7606-R
18.0
18.5
42.0
7.5
0.80
20.0
25.0
13.0
HV1860-2R7107-R
18.0
18.5
60.5
7.5
0.80
20.0
25.0
20.0
Part marking
•
Manufacturer
•
Capacitance (F)
•
Max operating voltage (V)
•
Family code (or part number)
•
Polarity
L
C
d
C’
Longer lead is positive



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com