Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-5R5C104-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # KW-5R5C104-R
Description  Coin cells
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KW-5R5C104-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  KW-5R5C104-R Datasheet HTML 1Page - Eaton All Rights Reserved. KW-5R5C104-R Datasheet HTML 2Page - Eaton All Rights Reserved. KW-5R5C104-R Datasheet HTML 3Page - Eaton All Rights Reserved. KW-5R5C104-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
4422
Effective September 2016
KW Supercapacitors
Coin cells
www.eaton.com/electronics
Dimensions (mm)
Part Number
ØD
Max
H
Max
L(-)
±0.2
L(+)
±0.2
P
±0.3
T
±0.1
L1
±0.1
L2
±0.1
W
±0.06
W1
±0.06
KW-5R5C104-R
13.5
8.30
6.1
5.7
5.0
0.4
3.0
4.0
0.8
1.3
KW-5R5C104H-R
3.3
3.3
0.9
1.9
KW-5R5C224-R
6.1
5.7
3.0
4.0
KW-5R5C224H-R
3.3
3.3
0.9
1.9
KW-5R5C334-R
6.1
5.7
3.0
4.0
KW-5R5C334H-R
3.3
3.3
0.9
1.9
KW-5R5C684-R
21.5
8.85
6.5
5.8
3.0
4.0
KW-5R5C684H-R
3.3
3.3
0.8
1.8
KW-5R5C105-R
6.5
5.8
3.0
4.0
KW-5R5C105H-R
3.3
3.3
0.8
1.8
Part numbering system
KW
—
5
R
5
C
o
o
o
o
H*
-R
Family Code
Voltage (V)
R = Decimal
Configuration
Capacitance (μF)
Short lead length
RoHS Compliant
Value
Multiplier
5R5 = 5.5 V
V = Vertical
H = Horizontal
C=Cylindrical
Example: 474 = 47 x 104 μF or 0.47 F
* If ordering standard lead length, omit “H” from part number.
Packaging information
Standard bulk packaging:
•
KW-5R5C104/224/334-R—400 units
•
KW-5R5C684/105-R—500 units
Part marking
•
Manufacturer
•
Capacitance (F)
•
Max operating voltage (V)
•
Polarity
P
KW-5R5C104/224/334-R
PolarityMarking
Location
KW-5R5C684/105-R
L(+)
D
L(-)
T
P
PolarityMarking
Location
HMax
HMax
L(-)
D
L(+)
T
Sleeve
W
W1
L1L2
Sleeve
W1
L1 L2
W
5.00
5.00
Recommended PCB Layout
1.60 ±0.05
Recommended PCB Layout
1.60 ±0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com