Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KR-5R5V224-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # KR-5R5V224-R
Description  Coin cells
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KR-5R5V224-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  KR-5R5V224-R Datasheet HTML 1Page - Eaton All Rights Reserved. KR-5R5V224-R Datasheet HTML 2Page - Eaton All Rights Reserved. KR-5R5V224-R Datasheet HTML 3Page - Eaton All Rights Reserved. KR-5R5V224-R Datasheet HTML 4Page - Eaton All Rights Reserved. KR-5R5V224-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
4327
Effective September 2016
KR Supercapacitors
Coin cells
www.eaton.com/electronics
Specifications
Capacitance
0.1 F to 1.5 F
Maximum working voltage
5.5 V
Surge voltage
6.3 V
Capacitance tolerance
-20% to +80% +20 °C
Operating temperature range
-25 °C to +70 °C
Extended operating temperature range
-25 °C to +85 °C (with voltage derating to 3.6 V @ +85 °C)
Standard Product
Capacitance (F)
Part number
Type
Lead length
Max. initial DC ESR (Ω) (Equivalent Series
Resistance) measured @ 1kHz
Typical mass (g)
0.1
KR-5R5V104-R
Vertical
Standard
75
1.4
0.1
KR-5R5H104-R
Horizontal
Standard
75
1.4
0.1
KR-5R5C104-R
Cylindrical
Standard
75
3.3
0.1
KR-5R5C104H-R
Cylindrical
Short
75
3.3
0.22
KR-5R5V224-R
Vertical
Standard
75
1.4
0.22
KR-5R5H224-R
Horizontal
Standard
75
1.4
0.22
KR-5R5C224-R
Cylindrical
Standard
75
3.3
0.22
KR-5R5C224H-R
Cylindrical
Short
75
3.3
0.33
KR-5R5V334-R
Vertical
Standard
50
1.4
0.33
KR-5R5H334-R
Horizontal
Standard
50
1.4
0.33
KR-5R5C334-R
Cylindrical
Standard
50
3.3
0.33
KR-5R5C334H-R
Cylindrical
Short
50
3.3
0.47
KR-5R5V474-R
Vertical
Standard
50
1.4
0.47
KR-5R5H474-R
Horizontal
Standard
50
1.4
0.47
KR-5R5C474-R
Cylindrical
Standard
50
3.3
0.47
KR-5R5C474H-R
Cylindrical
Short
50
3.3
1.0
KR-5R5V105-R
Vertical
Standard
30
4.2
1.0
KR-5R5H105-R
Horizontal
Standard
30
4.2
1.0
KR-5R5C105-R
Cylindrical
Standard
30
9.1
1.0
KR-5R5C105H-R
Cylindrical
Short
30
9.1
1.5
KR-5R5V155-R
Vertical
Standard
30
4.2
1.5
KR-5R5H155-R
Horizontal
Standard
30
4.2
1.5
KR-5R5C155-R
Cylindrical
Standard
30
9.1
1.5
KR-5R5C155H-R
Cylindrical
Short
30
9.1
Performance
Parameter
Capacitance Change
(% of initial value)
ESR
(% of max. initial value)
Life — +70 °C @ 5.5 Vdc, 1000 hours
≤ 30%
≤ 400%
Life — +85 °C @ 3.6 Vdc, 2000 hours
≤ 30%
≤ 400%
Storage Life — -25 °C to +70 °C, 1000 hours
≤ 30%
≤ 400%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com