Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KW-5R5C104H-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # KW-5R5C104H-R
Description  Coin cells
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

KW-5R5C104H-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  KW-5R5C104H-R Datasheet HTML 1Page - Eaton All Rights Reserved. KW-5R5C104H-R Datasheet HTML 2Page - Eaton All Rights Reserved. KW-5R5C104H-R Datasheet HTML 3Page - Eaton All Rights Reserved. KW-5R5C104H-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4422
Effective September 2016
Supersedes September 2014
KW Supercapacitors
Coin cells
Description
Eaton supercapacitors are unique, ultrahigh
capacitance devices utilizing electrochemical
double layer capacitor (EDLC) construction
combined with new, high performance materials.
This combination of advanced technologies allows
Eaton to offer a wide variety of capacitor solutions
tailored to specific applications that range from
a few microamps for several days to several
milliamps formilliseconds.
Features and benefits
•
High specific capacitance
•
Low leakage current
•
Long cycle life
•
Eco-friendly
•
Broad operating range,
full specification -40 °C to +85 °C
Applications
•
Electric utilitymeters
•
Motor control units
•
Solar inverters
•
Real-Time Clock (RTC) backup
•
Programmable Logic Controllers (PLCs)
•
Irrigation and water control systems
Pb
HALOGEN
HF
FREE


Similar Part No. - KW-5R5C104H-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KW-5R5C104H-R COOPER-KW-5R5C104H-R Datasheet
830Kb / 4P
Coin cell supercapacitors
More results

Similar Description - KW-5R5C104H-R

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
AN-1008 CYMBET-AN-1008 Datasheet
195Kb / 2P
Using Cymbet EnerChip Batteries Instead of Coin Cells and Super Capacitors
logo
Panasonic Semiconductor
BR2032-1HE PANASONIC-BR2032-1HE Datasheet
385Kb / 1P
3V LITHIUM COIN CELLS WITH PC MOUNT
logo
List of Unclassifed Man...
122-0420-GR ETC2-122-0420-GR Datasheet
173Kb / 1P
Coin Cell Holder
logo
Panasonic Semiconductor
EECRG0V224 PANASONIC-EECRG0V224_16 Datasheet
50Kb / 1P
Stacked Coin Type
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
Coin cells
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
logo
Littelfuse
HRV LITTELFUSE-HRV Datasheet
597Kb / 2P
Coin Counter
2016 Rev: 1-A-062316
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com