Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB-8 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # HTB-8
Description  1/4 x 1 1/4 and 5 mm x 20 mm Panel-mount fuse holders
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HTB-8 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  HTB-8 Datasheet HTML 1Page - Eaton All Rights Reserved. HTB-8 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2119
Effective June 2017
Supersedes July 2009
Product features
HTB
1/4” x 1 1/4” and 5 mm x 20 mm Panel-mount
fuse holders
•
For 1⁄4" x 1 1⁄4" and 5 mm x 20 mm fuses
•
All holder bodies have the option of using
1⁄4" x 1 1⁄4" or 5 mm x 20 mm carriers
•
Withstands 15 to 20 Lb-In torque to mounting
nut when mounting fuse holder to panel
•
High temperature, flame retardant,
Thermoplastic meets UL 94V0
Agency information
•
UL Recognized: IZLT2, E14853
•
CSA Component Acceptance: Class 6225-01, File 47235
•
VDE Certified: 136128, HTB-XXM
•
SEMKO Certification: Ref. #0146149/01, HTB-XXM
•
CE
Mounting Dimensions - in (mm)
Maximum Panel Thickness
Body Type
Inch
mm
HTB-2
0.30
7.62
HTB-3
0.30
7.62
HTB-4
0.125
3.18
HTB-5
0.125
3.18
HTB-6
0.30
7.62
HTB-8
0.125
3.18
HTB-9
0.125
3.18
Specifications
Product
UL Rating
CSA Rating
Voltage
Fuse
Quick
Code
(amps)
(amps)
Rating
Size
Connect
HTB-X2I
20
16
250
1
⁄4" x 1 1⁄4"
3
⁄16"
HTB-X4I
20
16
250
1
⁄4" x 1 1⁄4"
3
⁄16"
HTB-X6I
20
16
250
1
⁄4" x 1 1⁄4"
1
⁄4"
HTB-X8I
20
16
250
1
⁄4" x 1 1⁄4"
1
⁄4"
HTB-X2M
16
16
250
5 x 20mm
3
⁄16"
HTB-X4M
16
16
250
5 x 20mm
3
⁄16"
HTB-X6M
16
16
250
5 x 20mm
1
⁄4"
HTB-X8M
16
16
250
5 x 20mm
1
⁄4"
Ordering Information
FUSE CARRIER ONLY
HTB-
S
P
Packing
Product
Fuse Carrier
Splash Proof
(Blank) – Std.
Symbol
I — 1/4˝ x1 1/4˝
Cap with O-Ring
[IP53 rating]
BK/ – Bulk
M — 5 x 20mm
(Optional on Knob
Packaging
Product
Fuse Carrier
Holders Only)
(Blank) – Std.
Symbol
I — 1
/4
˝x 11/4˝
Body Conguration and Mounting
Knob Holders
2 — Low Prole (Rear Panel Hex-Nut)
4 — High Prole
Rear Terminal Conguration
BK/ – Bulk
FT — Knob Type
M — 5mm x 20mm
2 — Solder / 3/16˝ Quick-Connect
(For 20, 40, 60,
-R
(In-Line)
and 80 Series
4 — Solder / 3/16˝ Quick-Connect
Only)
*6 — (Front Panel Hex-Nut)
(Right Angle)
ST — Screwdriver
8 — Low Prole (Snap-In)
Screwdriver Slotted Holders
3 — Low Prole
5 — High Prole
9 — Low Prole (Snap-In)
6 — 1/4˝ Quick-Connect (In-Line)
RoHS
Slotted (For 30,
Compliant
8 — 1/4˝ Quick-Connect (Right Angle)
50, and 90 Series
Only)
*Prole varies with panel thickness. Holder installs thru rear of panel.
Replacement Parts
Packaging
Packaging Code
x
Description
Blank
10 fuse holders packed into a carton
BK
100 fuse holders packed into a cardboard shelf package


Similar Part No. - HTB-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HTB-8 ETC1-HTB-8 Datasheet
89Kb / 2P
HTB Panel Mount Series
logo
Multicomp Pro
HTB-8-1 000-A MULTICOMP-HTB-8-1 000-A Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
HTB-8-250-A MULTICOMP-HTB-8-250-A Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
HTB-8-375-A MULTICOMP-HTB-8-375-A Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
HTB-8-500-A MULTICOMP-HTB-8-500-A Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
More results

Similar Description - HTB-8

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
HTB-X2I COOPER-HTB-X2I Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HTB-X2I20 COOPER-HTB-X2I20 Datasheet
339Kb / 2P
Fuse Holders for 1?? x 1 1?? and 5 x 20mm Fuses
HRK COOPER-HRK Datasheet
152Kb / 1P
1/4??x 7/8??to 1 1/4??Universal In-Line Fuse Holders
HKP COOPER-HKP Datasheet
158Kb / 2P
1??" x 1 1??" Fuse Holders
HFB COOPER-HFB Datasheet
107Kb / 1P
1/4" x 1-1/4" Fuse Holders
HHB-R COOPER-HHB-R Datasheet
163Kb / 1P
1/4 X 7/8" TO 1 1/4 In-Line Fuse Holders
logo
List of Unclassifed Man...
HJL ETC1-HJL Datasheet
153Kb / 1P
1/4" x 1" (6.4 mm x 25.4mm) Lamp indicating fuse holder
HKL ETC1-HKL Datasheet
563Kb / 1P
1/4" x 1 1/4" Panel-mount indicating fuse holder
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
H15 EATON-H15 Datasheet
305Kb / 2P
PCB fuse holders for 5 mm x 20 mm fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com