Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDH-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MDH-R
Description  6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MDH-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MDH-R Datasheet HTML 1Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 2Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 3Page - Eaton All Rights Reserved. MDH-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data
10530
Effective April 2016
MDH-R
6.3 mm x 32 mm Ferrule and axial lead, high breaking
capacity, high I2t ceramic tube fuses
www.eaton.com/elx
Electrical characteristics
l
n
1.0I
n
min
hour
2.0I
n
max
minute
21A
4
2
Product specifications
Part number1
Ferrule
Axial lead
Current
rating (A )
Voltage
rating
(V
AC)
Voltage
rating
(V
DC)
Interrupting rating at
rated AC voltage (50
Hz)
(A
AC)
Interrupting rating at
rated DC voltage
(A
DC)
Typical D C
cold
resistance
(Ω)
Typical
pre-arcing1
I2t (A2s)
MDH- 21-R
MDH-V- 21-R
21
600
150
200
200
0.0024
5100
Dimensions–mm
Drawing not to scale
1. Typical I2t value measured at 10 times of rated current under DC.
2. Part Number Definition: MDH-x-xx-R
x = Use “V” code for axial lead, leave blank for ferrule
xx= Ampere rating
-R suffix = RoHS compliant



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com