Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDH-V-21-R Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MDH-V-21-R
Description  6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MDH-V-21-R Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MDH-V-21-R Datasheet HTML 1Page - Eaton All Rights Reserved. MDH-V-21-R Datasheet HTML 2Page - Eaton All Rights Reserved. MDH-V-21-R Datasheet HTML 3Page - Eaton All Rights Reserved. MDH-V-21-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data
10530
Effective April 2016
MDH-R
6.3 mm x 32 mm Ferrule and axial lead, high breaking
capacity, high I2t ceramic tube fuses
www.eaton.com/elx
Temperature derating curve
Environmental data
Operating temperature: - 55 °C to 125 °C (with derating)
Thermal shock: MIL-STD- 202G, Method 107G, test condition B (5 cycles - 65 °C to 125 °C)
Vibration: MIL-STD- 202G, Method 201A
Mechanical shock: MIL-STD- 202, Method 213, test condition A
Humidity: MIL-STD- 202G, Method 103B, Test condition A
High surge withstand: 20 cycles of 1.2/50 μs - 8/20 μs, 20 kV/10 kA surge
Ordering codes
The ordering code is the part number replacing the “.” with a “-” plus adding the packaging suffix as shown.
Packaging suffixes
• BK (100 parts per carton)
• TR (500 parts per roll)
Ordering codes
Part number
BK option
TR option
Ferrule
MDH-21-R
MDH-21-R-BK
Axial lead
MDH-V-21-R
MDH-V-21-RBK
MDH-V-21-RTR
Ambient Temperature ( C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com