Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLVA-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MLVA-R
Description  Multilayer varistor ESD suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MLVA-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MLVA-R Datasheet HTML 1Page - Eaton All Rights Reserved. MLVA-R Datasheet HTML 2Page - Eaton All Rights Reserved. MLVA-R Datasheet HTML 3Page - Eaton All Rights Reserved. MLVA-R Datasheet HTML 4Page - Eaton All Rights Reserved. MLVA-R Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Technical Data
10493
Effective February 2016
MLVA-R
Multilayer varistor ESD suppressor
www.eaton.com/elx
Product specifications
Part number8
Package size
Working voltage1, 2
(V
rms)
(V
DC)
Varistor
voltage3
(V)
Clamping
voltage4
(V)
Capacitance5
(pF) typical
Peak
current6
(A)
Transient
energy7
(J)
MLVA02V05C033-R
0201 (0603 metric)
–
5.5
8–14
30
33
–
–
MLVA02V05C047-R
0201 (0603 metric)
–
5.5
8–14
26
47
–
–
MLVA02V05C064-R
0201 (0603 metric)
–
5.5
8–14
26
64
–
–
MLVA04V05C270-R
0402 (1005 metric)
4
5.5
8–18
28
270
20
0.05
MLVA04V09C130-R
0402 (1005 metric)
7
9
11.5–21.5
41
130
20
0.05
MLVA04V18C085-R
0402 (1005 metric)
14
18
23–33
54
85
20
0.05
MLVA06V05C270-R
0603 (1608 metric)
4
5.5
8–18
31
270
30
0.1
MLVA06V09C210-R
0603 (1608 metric)
7
9
11.5–21.5
41
210
30
0.1
MLVA06V18C150-R
0603 (1608 metric)
14
18
23–33
54
150
30
0.1
MLVA06V26C100-R
0603 (1608 metric)
20
26
32–42
70
100
30
0.1
1. Working voltage V
rms: Maximum AC operating voltage the device can maintain and not exceed
10 μA leakage current.
2. Working voltage V
DC: Maximum DC operating voltage the device can maintain and not exceed
10 μA leakage current
3. Varistor voltage: Voltage across the device measured at 1 mA DC current
4. Clamping voltage: Maximum peak voltage across the device with 8/20 μs waveform and
1 A pulse current
5. Capacitance test parameters: Zero volt bias, 1.0 MHz, 1.0 Vrms
Dimensions—mm
Part number
A
B
C
D
E
F
G
H
MLVA02V05C033-R
0.60 ±0.05
0.30 ±0.05
0.30 ±0.05
0.20± 0.10
0.30
0.80
0.25
0.30
MLVA02V05C047-R
0.60 ±0.05
0.30 ±0.05
0.30 ±0.05
0.20± 0.10
0.30
0.80
0.25
0.30
MLVA02V05C064-R
0.60 ±0.05
0.30 ±0.05
0.30 ±0.05
0.20± 0.10
0.30
0.80
0.25
0.30
MLVA04V05C270-R
0.95 ±0.15
0.50 ±0.10
0.50 ±0.10
0.25± 0.15
0.51
1.73
0.61
0.51
MLVA04V09C130-R
0.95 ±0.15
0.50 ±0.10
0.50 ±0.10
0.25± 0.15
0.51
1.73
0.61
0.51
MLVA04V18C085-R
0.95 ±0.15
0.50 ±0.10
0.50 ±0.10
0.25± 0.15
0.51
1.73
0.61
0.51
MLVA06V05C270-R
1.60 ±0.15
0.80 ±0.10
0.80 ±0.10
0.30± 0.20
0.50
2.54
1.02
0.76
MLVA06V09C210-R
1.60 ±0.15
0.80 ±0.10
0.80 ±0.10
0.30± 0.20
0.50
2.54
1.02
0.76
MLVA06V18C150-R
1.60 ±0.15
0.80 ±0.10
0.80 ±0.10
0.30± 0.20
0.50
2.54
1.02
0.76
MLVA06V26C100-R
1.60 ±0.15
0.80 ±0.10
0.80 ±0.10
0.30± 0.20
0.50
2.54
1.02
0.76
6. Peak current: Maximum peak current which may be applied with 8/20 μs waveform without
device failure.
7. Transient energy: Maximum energy which may be dissipated with 10/1000 μs waveform without
device failure.
8. Part Number Definition: MLVAxxVxxCxxx
MLVA xx= Product code and size
Vxx= Working DC voltage
Cxxx= Capacitance value
-R suffix= RoHS compliant.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com