Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLVB Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # MLVB
Description  Multilayer varistor ESD suppressor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MLVB Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  MLVB Datasheet HTML 1Page - Eaton All Rights Reserved. MLVB Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved Printed in USA
Publication No. 4071 BU-SB10744
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Dimensions - mm
W
H
L
C
Size
L
W
H
C
0402
1.00±0.15
0.50±0.10
0.50±0.10
0.25±0.15
0603
1.60±0.20
0.80±0.20
0.80±0.20
0.30±0.20
c
b
a
b
d
Recommended Pad Layout - mm (in)
Size
a
b
c
d
0402
0.51 (0.020)
0.61 (0.024)
0.51 (0.020)
1.70 (0.067)
0603
0.50 (0.020)
1.02 (0.040)
0.76 (0.030)
2.54 (0.100)
Tape Packaging Specifications - mm
0402 Carrier Dimensions
AB
W
E
F
P0
P1
P2
D0
T
0.58
1.2
8.0
1.75
3.5
4.0
2.0
2.0
1.55
0.60
±0.03
±0.03
±0.1
±0.05
±0.05
±0.1
±0.05
±0.05
±0.05
±0.03
0603 Carrier Dimensions
0.90
1.80
8.0
1.75
3.50
4.00
-
2.00
1.50
-
±0.20
±0.20
±0.30 ±0.10
±0.05
±0.10
-
±0.05
±0.10
-
Time (seconds)
Soldering Recommendations
• Compatible with lead and lead-free solder reflow processes
• Peak reflow temperatures and durations:
- IR Reflow = 260°C max for 30 sec. max.
- Wave Solder = 260°C max. for 10 sec. max.
• Recommended IR Reflow Profile:
Technical Data 4071
Effective June 2017
MLVB
Multilayer varistor ESD suppressor



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com