Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF-3 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # PCF-3
Description  Subminiature radial leaded fast-acting fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

PCF-3 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  PCF-3 Datasheet HTML 1Page - Eaton All Rights Reserved. PCF-3 Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2034
Effective December 2017
Supersedes September 2014
Product features
• UL Recognized: E19180
• CSA: 053787
PC-Tron
Subminiature radial leaded fast-acting fuses
•
Radial leaded, fast-acting thru-hole fuse
•
Ideal for high voltage DC applications
•
Board washable
•
Optional mounting socket available (PCS)
•
Available in different lead configurations
Agency information
• Specify packaging code prefix, product and option code suffix
Ordering information
BK
PCB-
1/2
-R
Packaging Code Prefix
Fuse Series
Amp Rating
Option Code Suffix
DC Application
The PC-Tron subminiature fuse is UL Recognized for DC
supplementary overcurrent protection to provide individual
protection for components or internal circuits in equipment.
Suitability for a specific application is dependent on time
constants and capacitance values. It is the responsibility of the
customer to evaluate the information provided for applicability
to their particular application.
•
PCS Mounting Socket (RoHS compliant): Available as option.
Specify catalog number BK/PCS (100 in a polybag) and short fuse lead
length — PCC or PCE
Specifications
Lead
AC Voltage
AC
DC Voltage
DC Interrupting
Catalog Number
Length
Rating
Interrupting
Rating
Min.
Max.
PCB-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Full - 0.750" (straight)
250V
50A@250V - 10kA@125V
450V
300
5900A
PCB-3
Full - 0.750" (straight)
250V
50A@250V
450V
300
4400A
PCB-4
Full - 0.750” (straight)
-
-
450V
300
2500A
PCC-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
Short 0.100" (straight)
250V
50A@250V - 10kA@125V
450V
300
5900A
PCC-3
Short 0.100" (straight)
250V
50A@250V - 10kA@125V
450V
300
4400A
PCC-4
Short 0.100" (straight)
-
-
450V
300
2500A
PCD-5
Full - 0.750" (straight)
125V
10kA@125V
400V
300
1000A
PCE-5
Short 0.100" (straight)
125V
10kA@125V
400V
300
1000A
PCF-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.475"
250V
50A@250V - 10kA@125V
450V
300
5900A
PCF-3
0.475"
250V
50A@250V - 10kA@125V
450V
300
4400A
PCG-5
0.475"
125V
10kA@125V
400V
300
1000A
PCH-1/2, 3/4, 1, 1-1/2, 2, 2-1/2
0.125"
250V
50A@250V - 10kA@125V
450V
300
5900A
PCH-3
0.125"
250V
50A@250V - 10kA@125V
450V
300
4400A
PCH-4
0.125"
-
-
450V
300
2500A
PCI-5
0.125"
125V
10kA@125V
400V
300
1000A
Device designed to carry rated current for four hours minimum. An operating current of 80% or less of rated current is recommended, with further derating required
ambient temperatures.
AC Time-Current Characteristics
% of Amp Rating
Opening Time
100%
4 hours minimum
200%
10 second maximum


Similar Part No. - PCF-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
PCF-3 COOPER-PCF-3 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
PCF-3/4 COOPER-PCF-3/4 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
logo
Merrimac Industries, In...
PCF-3F-10B MERRIMAC-PCF-3F-10B Datasheet
75Kb / 1P
PHASE COMPARATORS
PCF-3F-500B MERRIMAC-PCF-3F-500B Datasheet
75Kb / 1P
PHASE COMPARATORS
More results

Similar Description - PCF-3

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
6125FF COOPER-6125FF Datasheet
536Kb / 2P
Fast-Acting Subminiature Fuses
BKPCB-12-R COOPER-BKPCB-12-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
SR-5-2A-AP COOPER-SR-5-2A-AP Datasheet
421Kb / 3P
Subminiature Radial Leaded, Time-Delay Fuses
PCH-1-1 COOPER-PCH-1-1 Datasheet
315Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3-R COOPER-PCB-3-R Datasheet
314Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses PC-Tron Series
PCB-3 COOPER-PCB-3 Datasheet
240Kb / 2P
Subminiature, Radial Leaded, Fast-Acting Fuses
6125FF2-R COOPER-6125FF2-R_15 Datasheet
771Kb / 6P
Fast-acting subminiature fuses
SS-5FH-3.15A COOPER-SS-5FH-3.15A Datasheet
1Mb / 4P
Subminiature fast-acting fuses
logo
Eaton All Rights Reserv...
6125FF EATON-6125FF Datasheet
771Kb / 6P
Fast-acting subminiature fuses
SS-5FH EATON-SS-5FH Datasheet
1Mb / 4P
Subminiature fast-acting fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com