Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

POE4W3X3.3-R Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # POE4W3X3.3-R
Description  Configurable flyback transformer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

POE4W3X3.3-R Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  POE4W3X3.3-R Datasheet HTML 1Page - Eaton All Rights Reserved. POE4W3X3.3-R Datasheet HTML 2Page - Eaton All Rights Reserved. POE4W3X3.3-R Datasheet HTML 3Page - Eaton All Rights Reserved. POE4W3X3.3-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 4316 BU-SB09865
July 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
Technical Data 4316
Effective July 2017
Power Over Ethernet (PoE)/PD
Configurable flyback transformer
Solder Reflow Profile
t
tP
ts
TC -5°C
Time 25°C to Peak
Time
25°C
Tsmin
Tsmax
TL
TP
Preheat
A
Max. Ramp Up Rate = 3°C/s
Max. Ramp Down Rate = 6°C/s
TTaabbllee 1
1 -- S
Sttaannddaarrdd S
SnnP
Pbb S
Soollddeerr ((TTcc))
Volume
Volume
Package
mm
3
mm
3
Thickness
<350
_
>350
<2.5mm
235°C
220°C
_
>2.5mm
220°C
220°C
TTaabbllee 2
2 -- LLeeaadd ((P
Pbb)) FFrreeee S
Soollddeerr ((TTcc))
Volume
Volume
Volume
Package
mm
3
mm
3
mm
3
Thickness
<350
350 - 2000
>2000
<1.6mm
260°C
260°C
260°C
1.6 – 2.5mm 260°C
250°C
245°C
>2.5mm
250°C
245°C
245°C
Reference JDEC J-STD-020
Standard SnPb Solder
Lead (Pb) Free Solder
Profile Feature
Preheat and Soak• e
T mperature min. (Tsmin)
100°C
150°C
• Temperature max. (Tsmax)
150°C
200°C
• Time (Tsmin to Tsmax) (ts)
60-120 Seconds
60-120 Seconds
3°C/ Second Max.
3°C/ Second Max.
183°C
217°C
60-150 Seconds
60-150 Seconds
Table 1
able 2
T
20 Seconds**
30 Seconds**
6°C/ Second Max.
6°C/ Second Max.
Average ramp up rate Tsmax to Tp
Liquidous temperature (TL)
Time at liquidous (tL)
Peak package body temperature (TP)*
Time (tp)** within 5 °C of the specified classification temperature (Tc)
Average ramp-down rate (Tp to Tsmax)
Time 25°C to Peak Temperature
Minutes Max.
6
8 Minutes Max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com