Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505-2-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S505-2-R
Description  5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505-2-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S505-2-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505-2-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505-2-R Datasheet HTML 3Page - Eaton All Rights Reserved. S505-2-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 2037
Effective February 2017
Supersedes November 2011
Product features
•
Time-delay high breaking capacity
•
Designed to IEC 60127-2
•
0.5 A to 12 A current ratings
•
Ceramic tube, nickel plated brass end cap
construction
•
Halogen free, RoHS compliant, lead free
•
Reference S505SC data sheet (10132) for
available axial lead options
Applications
Primary circuit protection:
•
LED and general lighting
•
LED/LCD televisions
•
Appliances and white goods
•
Printers and peripherals
•
Test equipment
•
Power supplies
Agency information
•
cURus Recognition file number: E19180,
Guide JDYX2/JDYX8
•
CSA file: 53787
•
SEMKO file: 816547, 1119019
•
VDE file: 40014091, 40024352, 40023140
•
BSI file: KM55676
•
IMQ file: CA03 00100, CA03 00529
•
PSE: JET 1641-31003-1009, 1641-31003-1010,
1641-31003-1011, 1641-31003-1012,
1641- 31003-2001, 1641-31003-2002
•
CCC file: 2002010207011295, CQC
11012061930
•
KC-Mark file: SU5011-4012A, SU5011-5004A
Ordering
•
Use ordering code (see page 4 for details)
Packaging prefixes
•
BK- (100 parts in a cardboard carton)
•
BK1- (1,000 parts in a bag)
S505
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
Pb
HALOGEN
HF
FREE


Similar Part No. - S505-2-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505-2-R COOPER-S505-2-R Datasheet
380Kb / 2P
5 x 20mm Time-Delay, Ceramic Tube Fuses
More results

Similar Description - S505-2-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com